Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB-12TCU-E Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VB-12TCU-E
Description  POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VB-12TCU-E Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VB-12TCU-E Datasheet HTML 1Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 2Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 3Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 4Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 5Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 6Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 7Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 8Page - Fujitsu Component Limited. VB-12TCU-E Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
VB SERIES
To be
Discon
Tinue
D
Item
Standard Type
VB-( ) U
VB-( )-E
Contact
Arrangement
2 form A (DPST-NO)
2 form A (DPST-NO) or 2 form C (DPDT)
Material
Gold overlay
silver-nickel
(non gold overlay
only VB-E)
Style
Single
Resistance(initial)
Maximum100mΩ
(at 1 A 6 VDC)
Rating (resistive)
5 A 240 VAC/24 VDC
Maximum Carrying Current
7 A
Maximum Switching Power
1,200 VA, 120 W
Maximum Switching Voltage
250 VAC, 150 VDC
Maximum Switching Current
5 A
Minimum Switching Load *1
100 mA 5 VDC (VB-M, 5, E) 10 mA 5 VDC (VB-)
Maximum Inrush Current
51 A 120 VAC (at lamp load) —
Coil
Nominal Power (at 20°C)
Standard type: 700 to 750mW, high sensitivity type: 530mW
Operate Power (at 20°C)
Standard type: 350 to 370mW, high sensitivity type: 260mW
Operating Temperature
Standard type: –40°C to +65°C, high sensitivity type: –40°C to +75°C (no frost)
Time Value
Operate (at nominal voltage)
Maximum 15 ms
Release (at nominal voltage)
Maximum 10 ms
Life
Mechanical
2 × 107 operations minimum
Electrical
1 × 105 operations minimum at rated load
5 × 104 operations
3 × 104 operations minimum
minimum at motor load at motor load
(1/8HP 120 VAC)
(1/8HP 120 VAC)
5 × 104 operations
minimum at lamp load
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.5 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2 (11 ± 1 ms)
Resistance Endurance
1,000 m/s2 (6 ± 1 ms)
Weight
Approximately 17 g
n
SPECIFICATIONS
*1 Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactualload
before production since reference values may vary according to switching frequencies, environmental conditions and ex-
pected reliability levels.
*2 IMQ
*3 IMQ
2
0
TV-3 Rating
VB-( ) U-N
VB-( ) U-5
VB-( ) M-N
VB-( ) M
Silver-
cadmium
oxide
Silver-alloy
Silver-alloy
Silver-
cadmium
oxide


Similar Part No. - VB-12TCU-E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB-10 NJSEMI-VB-10 Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-100 NJSEMI-VB-100 Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-100X NJSEMI-VB-100X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-10X NJSEMI-VB-10X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-150X NJSEMI-VB-150X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
More results

Similar Description - VB-12TCU-E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com