Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G32 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT1G32
Description  2-input OR gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G32 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT1G32 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74HC_HCT1G32_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 14 March 2008
5 of 11
NXP Semiconductors
74HC1G32; 74HCT1G32
2-input OR gate
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
∑ (C
L × VCC
2
× f
o) = sum of outputs
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
10
-
20
µA
∆ICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
500
-
850
µA
CI
input capacitance
-
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf ≤ 6.0 ns. All typical values are measured at Tamb =25 °C. For test circuit see Figure 6
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
74HC1G32
tpd
propagation delay A and B to Y; see Figure 5
[1]
VCC = 2.0 V; CL = 50 pF
-
18
115
-
135
ns
VCC = 4.5 V; CL =50pF
-
8
23
-
27
ns
VCC = 5.0 V; CL =15pF
-
8
-
-
-
ns
VCC = 6.0 V; CL =50pF
-
7
20
-
23
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[2]
-19-
-
-
pF
74HCT1G32
tpd
propagation delay A and B to Y; see Figure 5
[1]
VCC = 4.5 V; CL = 50 pF
-
10
24
-
27
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[2]
-20-
-
-
pF


Similar Part No. - 74HCT1G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G32 PHILIPS-74HCT1G32 Datasheet
602Kb / 16P
   2-input OR gate
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G32 NEXPERIA-74HCT1G32 Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
logo
NXP Semiconductors
74HCT1G32GV PHILIPS-74HCT1G32GV Datasheet
602Kb / 16P
   2-input OR gate
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G32GV NEXPERIA-74HCT1G32GV Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
74HCT1G32GV-Q100 NEXPERIA-74HCT1G32GV-Q100 Datasheet
682Kb / 12P
   2-input OR gate
More results

Similar Description - 74HCT1G32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com