Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G66 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT1G66
Description  Single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G66 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT1G66 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 9Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 10Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74HC_HCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 December 2008
7 of 18
NXP Semiconductors
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
10.3 ON resistance test circuit and graphs
11. Dynamic characteristics
RON =VSW / ISW.Tamb =25 °C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage
001aag490
VI
VIH
VCC
GND
Z
Y
E
VSW
ISW
04
6
8
10
2
VI (V)
80
40
20
60
0
mna081
RON
(
Ω)
VCC = 4.5 V
6.0 V
9.0 V
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF; RL =1 kΩ, unless otherwise specified;
For test circuit see Figure 10.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
74HC1G66
tpd
propagation delay Y to Z or Z to Y; RL = ∞Ω;
see Figure 8
[2]
VCC = 2.0 V
-
8
75
-
90
ns
VCC = 4.5 V
-
3
15
-
18
ns
VCC = 6.0 V
-
2
13
-
15
ns
VCC = 9.0 V
-
1
10
-
12
ns
ten
enable time
E to Y or Z; see Figure 9
[2]
VCC = 2.0 V
-
50
125
-
150
ns
VCC = 4.5 V
-
16
25
-
30
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
ns
VCC = 6.0 V
-
13
21
-
26
ns
VCC = 9.0 V
-
9
16
-
20
ns


Similar Part No. - 74HCT1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G66 PHILIPS-74HCT1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G66 NEXPERIA-74HCT1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HCT1G66GV PHILIPS-74HCT1G66GV Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G66GV NEXPERIA-74HCT1G66GV Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT1G66GV-Q100 NEXPERIA-74HCT1G66GV-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results

Similar Description - 74HCT1G66

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com