Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G66GW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC1G66GW
Description  Single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC1G66GW Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC1G66GW Datasheet HTML 1Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 2Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 3Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 4Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 5Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 6Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74HC1G66GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74HC_HCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 December 2008
2 of 18
NXP Semiconductors
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking
74HC1G66GW
HL
74HCT1G66GW
TL
74HC1G66GV
H66
74HCT1G66GV
T66
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag487
E
ZY
001aah372
E
YZ
Fig 3.
Pin configuration SOT353-1 and SOT753
74HC1G66
74HCT1G66
YVCC
Z
GND
E
001aaf185
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
Y
1
independent input or output
Z
2
independent input or output
GND
3
ground (0 V)
E
4
enable input (active HIGH)
VCC
5
supply voltage


Similar Part No. - 74HC1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66GW PHILIPS-74HC1G66GW Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HC1G66GW NEXPERIA-74HC1G66GW Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HC1G66GW-Q100 NEXPERIA-74HC1G66GW-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results

Similar Description - 74HC1G66GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com