Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G126GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT1G126GW
Description  Bus buffer/line driver; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G126GW Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT1G126GW Datasheet HTML 1Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 2Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G126GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74HC_HCT1G126_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 20 July 2007
4 of 12
NXP Semiconductors
74HC1G126; 74HCT1G126
Bus buffer/line driver; 3-state
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = −6.0 mA; VCC = 4.5 V
3.84
4.32
-
3.7
-
V
IO = −7.8 mA; VCC = 6.0 V
5.34
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 7.8 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
1.0
-
1.0
µA
IOZ
OFF-state output
current
VI = VIH or VIL; VO = VCC or
GND; VCC = 6.0 V
--
5
-
10
µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
10
-
20
µA
CI
input capacitance
-
1.5
-
-
-
pF
For type 74HCT1G126
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOH
HIGH-level output
voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
4.4
-
V
IO = −6.0 mA
3.84
4.32
-
3.7
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 µA
-
0
0.1
-
0.1
V
IO = 6.0 mA
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
1.0
-
1.0
µA
IOZ
OFF-state output
current
VI = VIH or VIL; VO = VCC or
GND; VCC = 5.5 V
--
5
-
10
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
10
-
20
µA
∆ICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
500
-
850
µA
CI
input capacitance
-
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max


Similar Part No. - 74HCT1G126GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G126GW PHILIPS-74HCT1G126GW Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
74HCT1G126GW PHILIPS-74HCT1G126GW Datasheet
78Kb / 16P
   Bus buffer/line driver; 3-state
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G126GW NEXPERIA-74HCT1G126GW Datasheet
223Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 5 - 17 January 2022
More results

Similar Description - 74HCT1G126GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com