Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G00DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G00DP
Description  Dual 2-input NAND gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G00DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G00DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT2G00_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 July 2008
2 of 13
NXP Semiconductors
74HC2G00; 74HCT2G00
Dual 2-input NAND gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking code
Type number
Marking code
74HC2G00DP
H00
74HCT2G00DP
T00
74HC2G00DC
H00
74HCT2G00DC
T00
74HC2G00GD
H00
74HCT2G00GD
T00
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one driver)
mna712
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna713
7
&
&
2
1
3
6
5
mna099
B
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74HC2G00
74HCT2G00
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aai255
1
2
3
4
6
5
8
7
001aai256
74HC2G00
74HCT2G00
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A


Similar Part No. - 74HC2G00DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G00DP PHILIPS-74HC2G00DP Datasheet
82Kb / 16P
   Dual 2-input NAND gate
2003 Feb 12
logo
Nexperia B.V. All right...
74HC2G00DP NEXPERIA-74HC2G00DP Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
74HC2G00DP-Q100 NEXPERIA-74HC2G00DP-Q100 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
74HC2G00DP-Q100 NEXPERIA-74HC2G00DP-Q100 Datasheet
207Kb / 11P
   Dual 2-input NAND gate
Rev. 2 - 20 November 2018
More results

Similar Description - 74HC2G00DP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com