Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G66 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC2G66
Description  Dual single-pole single-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC2G66 Datasheet HTML 5Page - NXP Semiconductors 74HC2G66 Datasheet HTML 6Page - NXP Semiconductors 74HC2G66 Datasheet HTML 7Page - NXP Semiconductors 74HC2G66 Datasheet HTML 8Page - NXP Semiconductors 74HC2G66 Datasheet HTML 9Page - NXP Semiconductors 74HC2G66 Datasheet HTML 10Page - NXP Semiconductors 74HC2G66 Datasheet HTML 11Page - NXP Semiconductors 74HC2G66 Datasheet HTML 12Page - NXP Semiconductors 74HC2G66 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
9 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 10. Enable and disable times
001aaa542
tPLZ
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nE input
nY or nZ
nY or nZ
VI
VOL
VOH
VCC
VM
VM
VX
VY
VM
GND
GND
tPZL
tPZH
Table 10.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC2G66
0.5VCC
0.5VCC
VOL + 10 %
VOH − 10 %
74HCT2G66
1.3 V
1.3 V
VOL + 10 %
VOH − 10 %


Similar Part No. - 74HC2G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G66 PHILIPS-74HC2G66 Datasheet
130Kb / 20P
   Bilateral switches
2004 May 19
logo
Nexperia B.V. All right...
74HC2G66 NEXPERIA-74HC2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66DC NXP-74HC2G66DC Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
More results

Similar Description - 74HC2G66

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com