Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G34GV Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT2G34GV
Description  Dual buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G34GV Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT2G34GV Datasheet HTML 1Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 2Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 3Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 4Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 5Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 6Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 7Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 8Page - NXP Semiconductors 74HCT2G34GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74HC2G34; 74HCT2G34 is a high-speed Si-gate CMOS device.
The 74HC2G34; 74HCT2G34 provides two buffers.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Complies with JEDEC standard no. 7A
I High noise immunity
I ESD protection:
N HBM JESD22-A114-D exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Low power dissipation
I Balanced propagation delays
I Unlimited input rise and fall times
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
74HC2G34; 74HCT2G34
Dual buffer gate
Rev. 01 — 6 October 2006
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G34GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HC2G34GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74HCT2G34GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HCT2G34GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 2.
Marking
Type number
Marking code
74HC2G34GW
PA
74HC2G34GV
P34
74HCT2G34GW
UA
74HCT2G34GV
U34


Similar Part No. - 74HCT2G34GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G34GV NEXPERIA-74HCT2G34GV Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HCT2G34GV-Q100 NEXPERIA-74HCT2G34GV-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
More results

Similar Description - 74HCT2G34GV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
[Old version datasheet]   DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
   Dual buffer gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com