Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G126DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT2G126DP
Description  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G126DP Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT2G126DP Datasheet HTML 1Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 2Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 3Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 4Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 5Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 6Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 7Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 8Page - NXP Semiconductors 74HCT2G126DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74HC_HCT2G126_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2009
5 of 14
NXP Semiconductors
74HC2G126; 74HCT2G126
Dual buffer/line driver; 3-state
11. Dynamic characteristics
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
10
-
20
µA
CI
input capacitance
-
1.0
-
-
-
pF
CO
output
capacitance
-
1.5
-
-
-
pF
74HCT2G126
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
4.4
-
V
IO = −6.0 mA
3.84
4.32
-
3.7
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 µA
-
0
0.1
-
0.1
V
IO = 6.0 mA
-
0.16
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 5.5 V
-
-
±1.0
-
±1.0
µA
IOZ
OFF-state output
current
VI = VIH or VIL; VO =
VCC or GND; VCC = 5.5 V
--
±5.0
-
±10
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
10
-
20
µA
∆ICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
375
-
410
µA
CI
input capacitance
-
1.0
-
-
-
pF
CO
output
capacitance
-
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Tamb = −40 °C to +85 °C Tamb = −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
74HC2G126
tpd
propagation
delay
nA to nY; see Figure 6
[2]
VCC = 2.0 V
-
35
115
-
135
ns
VCC = 4.5 V
-
11
23
-
27
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
VCC = 6.0 V
-
8
20
-
23
ns


Similar Part No. - 74HCT2G126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G126DP PHILIPS-74HCT2G126DP Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results

Similar Description - 74HCT2G126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com