Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT3G06 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT3G06
Description  Triple inverter with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G06 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT3G06 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 9Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 10Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 11Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 12Page - NXP Semiconductors 74HCT3G06 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74HC_HCT3G06_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2009
9 of 13
NXP Semiconductors
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
Fig 9.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Similar Part No. - 74HCT3G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G06 PHILIPS-74HCT3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DC PHILIPS-74HCT3G06DC Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06DC NEXPERIA-74HCT3G06DC Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DP PHILIPS-74HCT3G06DP Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
More results

Similar Description - 74HCT3G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
   Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com