Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT3G04DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT3G04DP
Description  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G04DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT3G04DP Datasheet HTML 3Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 4Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 5Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 6Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 7Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 8Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 9Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 10Page - NXP Semiconductors 74HCT3G04DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74HC_HCT3G04_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2008
7 of 13
NXP Semiconductors
74HC3G04; 74HCT3G04
Inverter
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 7.
Load circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC3G04
VCC
≤ 6 ns
50 pF
1 k
open
74HCT3G04
3 V
≤ 6 ns
50 pF
1 k
open


Similar Part No. - 74HCT3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G04DP PHILIPS-74HCT3G04DP Datasheet
82Kb / 17P
   Inverter
2003 Oct 30
logo
Nexperia B.V. All right...
74HCT3G04DP NEXPERIA-74HCT3G04DP Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04DP-Q100 NEXPERIA-74HCT3G04DP-Q100 Datasheet
213Kb / 12P
   Triple inverter
74HCT3G04DP-Q100 NEXPERIA-74HCT3G04DP-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
More results

Similar Description - 74HCT3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com