Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G04DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC3G04DC
Description  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G04DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC3G04DC Datasheet HTML 2Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 3Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 4Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 5Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 6Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 7Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 8Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 9Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74HC_HCT3G04_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2008
6 of 13
NXP Semiconductors
74HC3G04; 74HCT3G04
Inverter
[1]
tpd is the same as tPLH and tPHL.
[2]
tt is the same as tTLH and tTHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
74HCT3G04
tpd
propagation
delay
nA to nY; see Figure 6
[1]
VCC = 4.5 V
-
10
18
-
23
-
29
ns
tt
transition
time
VCC = 4.5 V; see Figure 6 [2]
-
6
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
VI = GND to VCC − 1.5 V
[3]
-9-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 °C; for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input (nA) to output (nY) propagation delays
mna722
tPLH
tPHL
VM
VM
90 %
10 %
VM
VM
nY output
nA input
VI
GND
VOH
VOL
tTLH
tTHL
Table 9.
Measurement points
Type
Input
Output
VM
VM
74HC3G04
0.5
× VCC
0.5
× VCC
74HCT3G04
1.3 V
1.3 V


Similar Part No. - 74HC3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G04DC PHILIPS-74HC3G04DC Datasheet
82Kb / 17P
   Inverter
2003 Oct 30
logo
Nexperia B.V. All right...
74HC3G04DC NEXPERIA-74HC3G04DC Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
213Kb / 12P
   Triple inverter
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
More results

Similar Description - 74HC3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com