Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G07DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC3G07DP
Description  Triple buffer with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G07DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC3G07DP Datasheet HTML 3Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 9Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 10Page - NXP Semiconductors 74HC3G07DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74HC_HCT3G07_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2009
7 of 13
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 7.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPZL, tPLZ
74HC3G07
GND to VCC
≤ 6 ns
50 pF
1 k
VCC
74HCT3G07
GND to 3 V
≤ 6 ns
50 pF
1 k
VCC


Similar Part No. - 74HC3G07DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC3G07DP NEXPERIA-74HC3G07DP Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HC3G07DP-Q100 NEXPERIA-74HC3G07DP-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
74HC3G07DP-Q100 NEXPERIA-74HC3G07DP-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
More results

Similar Description - 74HC3G07DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
   Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com