Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G14 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC3G14
Description  Triple inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G14 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC3G14 Datasheet HTML 4Page - NXP Semiconductors 74HC3G14 Datasheet HTML 5Page - NXP Semiconductors 74HC3G14 Datasheet HTML 6Page - NXP Semiconductors 74HC3G14 Datasheet HTML 7Page - NXP Semiconductors 74HC3G14 Datasheet HTML 8Page - NXP Semiconductors 74HC3G14 Datasheet HTML 9Page - NXP Semiconductors 74HC3G14 Datasheet HTML 10Page - NXP Semiconductors 74HC3G14 Datasheet HTML 11Page - NXP Semiconductors 74HC3G14 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74HC_HCT3G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2009
8 of 18
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
12. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL
[2]
tt is the same as tTLH and tTHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
74HC3G14
tpd
propagation delay
nA to nY; see Figure 10
[1]
VCC = 2.0 V
-
53
125
-
155
190
ns
VCC = 4.5 V
-
16
25
-
31
38
ns
VCC = 6.0 V
-
13
21
-
26
32
ns
tt
transition time
nY; see Figure 10
[2]
VCC = 2.0 V
-
20
75
-
95
110
ns
VCC = 4.5 V
-
7
15
-
19
22
ns
VCC = 6.0 V
-
5
13
-
16
19
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[3]
-10-
-
-
-
pF
74HCT3G14
tpd
propagation delay
nA to nY; see Figure 10
[1]
VCC = 4.5 V
-
21
32
-
40
48
ns
tt
transition time
nY; see Figure 10
[2]
VCC = 4.5 V
-
6
15
-
19
22
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[3]
-10-
-
-
-
pF


Similar Part No. - 74HC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G14 PHILIPS-74HC3G14 Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HC3G14 NEXPERIA-74HC3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC3G14DC PHILIPS-74HC3G14DC Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
More results

Similar Description - 74HC3G14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com