Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT11 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT11
Description  Triple 3-input AND gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT11 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT11 Datasheet HTML 1Page - NXP Semiconductors 74HCT11 Datasheet HTML 2Page - NXP Semiconductors 74HCT11 Datasheet HTML 3Page - NXP Semiconductors 74HCT11 Datasheet HTML 4Page - NXP Semiconductors 74HCT11 Datasheet HTML 5Page - NXP Semiconductors 74HCT11 Datasheet HTML 6Page - NXP Semiconductors 74HCT11 Datasheet HTML 7Page - NXP Semiconductors 74HCT11 Datasheet HTML 8Page - NXP Semiconductors 74HCT11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74HC_HCT11_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 25 March 2010
2 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram for one gate
mna793
3Y
3C
11
3B
10
3A
9
2C
5
2B
4
2A
3
1C
13
1B
2
1A
1
8
2Y
6
1Y
12
mna792
12
&
&
&
6
8
13
2
1
5
4
3
11
10
9
mna794
A
B
C
Y
Fig 4.
Pin configuration DIP14 and SO14
Fig 5.
Pin configuration (T)SSOP14
74HC11
74 HCT11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aal407
1
2
3
4
5
6
7
8
10
9
12
11
14
13
74HC11
74HCT11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aal408
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 2.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 9
data input
1B, 2B, 3B
2, 4, 10
data input
GND
7
ground (0 V)
1C, 2C, 3C
13, 5, 11
data input
1Y, 2Y, 3Y
12, 6, 8
data output
VCC
14
supply voltage


Similar Part No. - 74HCT11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT11 PHILIPS-74HCT11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
logo
Nexperia B.V. All right...
74HCT11 NEXPERIA-74HCT11 Datasheet
229Kb / 11P
   Triple 3-input AND gate
Rev. 8 - 11 August 2021
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
NXP Semiconductors
74HCT112 PHILIPS-74HCT112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results

Similar Description - 74HCT11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com