Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT27 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT27
Description  Triple 3-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT27 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT27 Datasheet HTML 3Page - NXP Semiconductors 74HCT27 Datasheet HTML 4Page - NXP Semiconductors 74HCT27 Datasheet HTML 5Page - NXP Semiconductors 74HCT27 Datasheet HTML 6Page - NXP Semiconductors 74HCT27 Datasheet HTML 7Page - NXP Semiconductors 74HCT27 Datasheet HTML 8Page - NXP Semiconductors 74HCT27 Datasheet HTML 9Page - NXP Semiconductors 74HCT27 Datasheet HTML 10Page - NXP Semiconductors 74HCT27 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74HC_HCT27_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 January 2008
7 of 16
NXP Semiconductors
74HC27; 74HCT27
Triple 3-input NOR gate
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi × N+ ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (C
L × VCC
2
× f
o) = sum of outputs.
11. Waveforms
CPD
power dissipation
capacitance
per package; VI = GND to VCC
[3]
-24-
-
-
pF
74HCT27
tpd
propagation delay
nA, nB, nC to nY; see Figure 6
[1]
VCC = 4.5 V
-
12
21
26
32
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC − 1.5 V
[3]
-30-
-
-
pF
Table 7.
Dynamic characteristics type 74HC27; 74HCT27
GND = 0 V; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 8.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Input (nA, nB, nC) to output (nY) propagation delays and output transition times
001aag761
nA, nB, nC input
VI
GND
VOH
VOL
nY output
tTHL
tTLH
VM
VM
VX
VY
tPHL
tPLH
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC27
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT27
1.3 V
1.3 V
0.1VCC
0.9VCC


Similar Part No. - 74HCT27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT27 PHILIPS-74HCT27 Datasheet
32Kb / 5P
   Triple 3-input NOR gate
December 1990
logo
Nexperia B.V. All right...
74HCT27 NEXPERIA-74HCT27 Datasheet
241Kb / 12P
   Triple 3-input NOR gate
Rev. 6 - 10 September 2020
74HCT27-Q100 NEXPERIA-74HCT27-Q100 Datasheet
241Kb / 12P
   Triple 3-input NOR gate
Rev. 2 - 10 September 2020
logo
NXP Semiconductors
74HCT273 PHILIPS-74HCT273 Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
74HCT273 NXP-74HCT273 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
More results

Similar Description - 74HCT27

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com