Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT253 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT253
Description  Dual 4-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT253 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT253 Datasheet HTML 5Page - NXP Semiconductors 74HCT253 Datasheet HTML 6Page - NXP Semiconductors 74HCT253 Datasheet HTML 7Page - NXP Semiconductors 74HCT253 Datasheet HTML 8Page - NXP Semiconductors 74HCT253 Datasheet HTML 9Page - NXP Semiconductors 74HCT253 Datasheet HTML 10Page - NXP Semiconductors 74HCT253 Datasheet HTML 11Page - NXP Semiconductors 74HCT253 Datasheet HTML 12Page - NXP Semiconductors 74HCT253 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74HC_HCT253_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 22 April 2010
9 of 17
NXP Semiconductors
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
12. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delays input (Sn, 1In, 2In) to output (nY) and output (nY) transition times
001aal855
VM
VM
VM
VI
Sn, 1In, 2ln input
GND
VOH
nY output
VOL
tPHL
tPLH
VM
tTLH
tTHL
10 %
90 %
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
3-state output enable and disable times
001aal856
tPLZ
tPHZ
outputs
disabled
outputs
enabled
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VOH
VCC
GND
VOL
VI
tr
tf
GND
VM
tPZL
tPZH
90 %
VM
90 %
10 %
10 %
VM
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC253
0.5VCC
0.5VCC
74HCT253
1.3 V
1.3 V


Similar Part No. - 74HCT253

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT253 PHILIPS-74HCT253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT253 NEXPERIA-74HCT253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
74HCT253-Q100 NEXPERIA-74HCT253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HCT253D PHILIPS-74HCT253D Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT253D NEXPERIA-74HCT253D Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
More results

Similar Description - 74HCT253

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com