Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT259 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT259
Description  8-bit addressable latch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT259 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT259 Datasheet HTML 1Page - NXP Semiconductors 74HCT259 Datasheet HTML 2Page - NXP Semiconductors 74HCT259 Datasheet HTML 3Page - NXP Semiconductors 74HCT259 Datasheet HTML 4Page - NXP Semiconductors 74HCT259 Datasheet HTML 5Page - NXP Semiconductors 74HCT259 Datasheet HTML 6Page - NXP Semiconductors 74HCT259 Datasheet HTML 7Page - NXP Semiconductors 74HCT259 Datasheet HTML 8Page - NXP Semiconductors 74HCT259 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC259; 74HCT259 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard No. 7-A.
The 74HC259; 74HCT259 are high-speed 8-bit addressable latches designed for general
purpose storage applications in digital systems. They are multifunctional devices capable
of storing single-line data in eight addressable latches and providing a 3-to-8 decoder and
multiplexer function with active HIGH outputs (Q0 to Q7). They also incorporates an active
LOW common reset (MR) for resetting all latches as well as an active LOW enable input
(LE).
The 74HC259; 74HCT259 has four modes of operation:
Addressable latch mode, in this mode data on the data line (D) is written into the
addressed latch. The addressed latch will follow the data input with all non-addressed
latches remaining in their previous states.
Memory mode, in this mode all latches remain in their previous states and are
unaffected by the data or address inputs.
Demultiplexing mode (or 3-to-8 decoding), in this mode the addressed output follows
the state of the data input (D) with all other outputs in the LOW state.
Reset mode, in this mode all outputs are LOW and unaffected by the address inputs
(A0 to A2) and data input (D).
When operating the 74HC259; 74HCT259 as an address latch, changing more than one
address bit could impose a transient wrong address. Therefore, this should only be done
while in the Memory mode.
2.
Features
I Combined demultiplexer and 8-bit latch
I Serial-to-parallel capability
I Output from each storage bit available
I Random (addressable) data entry
I Easily expandable
I Common reset input
I Useful as a 3-to-8 active HIGH decoder
I Input levels:
N For 74HC259: CMOS level
N For 74HCT259: TTL level
74HC259; 74HCT259
8-bit addressable latch
Rev. 04 — 25 February 2009
Product data sheet


Similar Part No. - 74HCT259

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT259 PHILIPS-74HCT259 Datasheet
87Kb / 11P
   8-bit addressable latch
December 1990
logo
Nexperia B.V. All right...
74HCT259 NEXPERIA-74HCT259 Datasheet
316Kb / 18P
   8-bit addressable latch
Rev. 8 - 5 December 2022
logo
NXP Semiconductors
74HCT259-Q100 NXP-74HCT259-Q100 Datasheet
261Kb / 20P
   8-bit addressable latch
Rev. 1-30 July 2012
logo
Nexperia B.V. All right...
74HCT259-Q100 NEXPERIA-74HCT259-Q100 Datasheet
287Kb / 17P
   8-bit addressable latch
Rev. 2 - 2 September 2020
logo
NXP Semiconductors
74HCT259BQ NXP-74HCT259BQ Datasheet
174Kb / 23P
   8-bit addressable latch
Rev. 5-7 August 2012
More results

Similar Description - 74HCT259

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com