Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC299D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC299D
Description  8-bit universal shift register; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC299D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC299D Datasheet HTML 6Page - NXP Semiconductors 74HC299D Datasheet HTML 7Page - NXP Semiconductors 74HC299D Datasheet HTML 8Page - NXP Semiconductors 74HC299D Datasheet HTML 9Page - NXP Semiconductors 74HC299D Datasheet HTML 10Page - NXP Semiconductors 74HC299D Datasheet HTML 11Page - NXP Semiconductors 74HC299D Datasheet HTML 12Page - NXP Semiconductors 74HC299D Datasheet HTML 13Page - NXP Semiconductors 74HC299D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
10 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
∑(CL × VCC2 × fo) = sum of outputs.
CL = output load capacitance in pF;
VCC = supply voltage in V;
VI = GND to VCC for 74HC299;
VI = GND to (VCC − 1.5 V) for 74HCT299.
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND (ground = 0 V); for test circuit, see Figure 11.
Symbol
Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
74HC299
tpd
propagation
delay
CP to Q0, Q7; see Figure 7
[1]
VCC = 2.0 V
-
66
200
-
250
-
300
ns
VCC = 4.5 V
-
24
40
-
50
-
60
ns
VCC = 5.0 V; CL = 15 pF
-
20
-
----
ns
VCC = 6.0 V
-
19
34
-
43
-
51
ns
CP to I/On; see Figure 7
VCC = 2.0 V
-
66
200
-
250
-
300
ns
VCC = 4.5 V
-
24
40
-
50
-
60
ns
VCC = 5.0 V; CL = 15 pF
-
20
-
----
ns
VCC = 6.0 V
-
19
34
-
43
-
51
ns
MR to Q0, Q7 or I/On;
see Figure 8
[2]
VCC = 2.0 V
-
66
200
-
250
-
300
ns
VCC = 4.5 V
-
24
40
-
50
-
60
ns
VCC = 5.0 V; CL = 15 pF
-
20
-
----
ns
VCC = 6.0 V
-
19
34
-
43
-
51
ns
tt
transition time
bus driver (I/On); see Figure 7
[3]
VCC = 2.0 V
-
14
60
-
75
-
90
ns
VCC = 4.5 V
-
5
12
-
15
-
18
ns
VCC = 6.0 V
-
4
10
-
13
-
15
ns
standard (Q0, Q7); see Figure 7
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns


Similar Part No. - 74HC299D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC299D PHILIPS-74HC299D Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC299D NEXPERIA-74HC299D Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
74HC299D-Q100 NEXPERIA-74HC299D-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299DB PHILIPS-74HC299DB Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
More results

Similar Description - 74HC299D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com