Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC299N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC299N
Description  8-bit universal shift register; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC299N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC299N Datasheet HTML 7Page - NXP Semiconductors 74HC299N Datasheet HTML 8Page - NXP Semiconductors 74HC299N Datasheet HTML 9Page - NXP Semiconductors 74HC299N Datasheet HTML 10Page - NXP Semiconductors 74HC299N Datasheet HTML 11Page - NXP Semiconductors 74HC299N Datasheet HTML 12Page - NXP Semiconductors 74HC299N Datasheet HTML 13Page - NXP Semiconductors 74HC299N Datasheet HTML 14Page - NXP Semiconductors 74HC299N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
11 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
tW
pulse width
CP HIGH or LOW; see Figure 7
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
MR LOW; see Figure 8
VCC = 2.0 V
80
19
-
100
-
120
-
ns
VCC = 4.5 V
16
7
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
-
ns
tPZH
OFF-state to
HIGH
propagation
delay
OEn to I/On; see Figure 10
[4]
VCC = 2.0 V
-
50
155
-
195
-
235
ns
VCC = 4.5 V
-
18
31
-
39
-
47
ns
VCC = 6.0 V
-
14
26
-
33
-
40
ns
tPZL
OFF-state to
LOW
propagation
delay
OEn to I/On; see Figure 10
VCC = 2.0 V
-
41
130
-
165
-
195
ns
VCC = 4.5 V
-
15
26
-
33
-
39
ns
VCC = 6.0 V
-
12
22
-
28
-
33
ns
tPHZ
HIGH to
OFF-state
propagation
delay
OEn to I/On; see Figure 10
[5]
VCC = 2.0 V
-
66
185
-
230
-
280
ns
VCC = 4.5 V
-
24
37
-
46
-
56
ns
VCC = 6.0 V
-
19
31
-
39
-
48
ns
tPLZ
LOW to
OFF-state
propagation
delay
OEn to I/On; see Figure 10
VCC = 2.0 V
-
55
155
-
195
-
235
ns
VCC = 4.5 V
-
20
31
-
39
-
47
ns
VCC = 6.0 V
-
16
26
-
33
-
40
ns
trec
recovery time
MR to CP; see Figure 8
VCC = 2.0 V
5
−14
-5-5-
ns
VCC = 4.5 V
5
−5
-5-5-
ns
VCC = 6.0 V
5
−4
-5-5-
ns
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); for test circuit, see Figure 11.
Symbol
Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74HC299N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC299N PHILIPS-74HC299N Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
More results

Similar Description - 74HC299N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com