Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT366 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT366
Description  Hex buffer/line driver; 3-state; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT366 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT366 Datasheet HTML 1Page - NXP Semiconductors 74HCT366 Datasheet HTML 2Page - NXP Semiconductors 74HCT366 Datasheet HTML 3Page - NXP Semiconductors 74HCT366 Datasheet HTML 4Page - NXP Semiconductors 74HCT366 Datasheet HTML 5Page - NXP Semiconductors 74HCT366 Datasheet HTML 6Page - NXP Semiconductors 74HCT366 Datasheet HTML 7Page - NXP Semiconductors 74HCT366 Datasheet HTML 8Page - NXP Semiconductors 74HCT366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
3 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration
74HC366
74HCT366
OE1
VCC
1A
OE2
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aaf580
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
OE1
1
output enable input 1 (active LOW)
1A
2
data input 1
1Y
3
data output 1
2A
4
data input 2
2Y
5
data output 2
3A
6
data input 3
3Y
7
data output 3
GND
8
ground (0 V)
4Y
9
data output 4
4A
10
data input 4
5Y
11
data output 5
5A
12
data input 5
6Y
13
data output 6
6A
14
data input 6
OE2
15
output enable input 2 (active LOW)
VCC
16
supply voltage


Similar Part No. - 74HCT366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT366 PHILIPS-74HCT366 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
logo
List of Unclassifed Man...
74HCT366 ETC1-74HCT366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
74HCT366-Q100 NEXPERIA-74HCT366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
logo
NXP Semiconductors
74HCT366D PHILIPS-74HCT366D Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
More results

Similar Description - 74HCT366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74LV368 PHILIPS-74LV368 Datasheet
124Kb / 12P
   Hex buffer/line driver; inverting 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com