Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4060N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4060N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4060N Datasheet HTML 2Page - NXP Semiconductors 74HC4060N Datasheet HTML 3Page - NXP Semiconductors 74HC4060N Datasheet HTML 4Page - NXP Semiconductors 74HC4060N Datasheet HTML 5Page - NXP Semiconductors 74HC4060N Datasheet HTML 6Page - NXP Semiconductors 74HC4060N Datasheet HTML 7Page - NXP Semiconductors 74HC4060N Datasheet HTML 8Page - NXP Semiconductors 74HC4060N Datasheet HTML 9Page - NXP Semiconductors 74HC4060N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
6 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 12 mW/K above 70 °C.
[3]
Ptot derates linearly with 8 mW/K above 70 °C.
[4]
Ptot derates linearly with 5.5 mW/K above 60 °C.
[5]
Ptot derates linearly with 4.5 mW/K above 60 °C.
9.
Recommended operating conditions
10. Static characteristics
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
(T)SSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW
Table 3.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 4.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC4060
74HCT4060
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
-
+125
−40
-
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 5.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4060
VIH
HIGH-level
input voltage
MR input
VCC = 2.0 V
1.5
1.3
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.1
-
4.2
-
4.2
-
V
RS input
VCC = 2.0 V
1.7
-
-
1.7
-
1.7
-
V
VCC = 4.5 V
3.6
-
-
3.6
-
3.6
-
V
VCC = 6.0 V
4.8
-
-
4.8
-
4.8
-
V


Similar Part No. - 74HC4060N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060N PHILIPS-74HC4060N Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
More results

Similar Description - 74HC4060N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com