Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2GU04 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC2GU04
Description  Dual unbuffered inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2GU04 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC2GU04 Datasheet HTML 1Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 2Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 3Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 4Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 5Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74HC2GU04 is a high-speed Si-gate CMOS device.
The 74HC2GU04 provides two unbuffered inverters.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Complies with JEDEC standard no. 7A
I High noise immunity
I ESD protection:
N HBM JESD22-A114-D exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Low power dissipation
I Balanced propagation delays
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
74HC2GU04
Dual unbuffered inverter
Rev. 01 — 6 October 2006
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2GU04GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HC2GU04GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 2.
Marking
Type number
Marking code
74HC2GU04GW
PD
74HC2GU04GV
HU4


Similar Part No. - 74HC2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GV NEXPERIA-74HC2GU04GV Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
More results

Similar Description - 74HC2GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com