Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1296CZXGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1296CZXGR
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1296CZXGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1296CZXGR Datasheet HTML 6Page - Texas Instruments ADS1296CZXGR Datasheet HTML 7Page - Texas Instruments ADS1296CZXGR Datasheet HTML 8Page - Texas Instruments ADS1296CZXGR Datasheet HTML 9Page - Texas Instruments ADS1296CZXGR Datasheet HTML 10Page - Texas Instruments ADS1296CZXGR Datasheet HTML 11Page - Texas Instruments ADS1296CZXGR Datasheet HTML 12Page - Texas Instruments ADS1296CZXGR Datasheet HTML 13Page - Texas Instruments ADS1296CZXGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
ADS1294
ADS1296
ADS1298
SBAS459D – JANUARY 2010 – REVISED MAY 2010
www.ti.com
BGA PIN ASSIGNMENTS (continued)
NAME
TERMINAL
FUNCTION
DESCRIPTION
RLDIN
3A
Analog input
Right leg drive input to MUX
RLDOUT
3B
Analog output
Right leg drive output
RLDINV
3C
Analog input/output
Right leg drive inverting input
WCT
3D
Analog output
Wilson Central Terminal output
TESTP_PACE_OUT1
3E
Analog input/buffer output
Internal test signal/single-ended buffer output based on register settings
TESTN_PACE_OUT2
3F
Analog input/output
Internal test signal/single-ended buffer output based on register settings
VCAP4
3G
Analog output
Analog bypass capacitor
VREFP
3H
Analog input/output
Positive reference voltage
AVDD
4A
Supply
Analog supply
AVDD
4B
Supply
Analog supply
RLDREF
4C
Analog input
Right leg drive noninverting input
AVSS
4D
Supply
Analog ground
RESV1
4E
Digital input
Reserved for future use. Must tie to logic low (DGND)
RESV2
4F
Analog output
Reserved for future use
RESV3
4G
Analog output
Reserved for future use
VREFN
4H
Analog input
Negative reference voltage
AVSS
5A
Supply
Analog ground
AVSS
5B
Supply
Analog ground
AVSS
5C
Supply
Analog ground
AVSS
5D
Supply
Analog ground
GPIO4
5E
Digital input/output
GPIO4 in normal mode, RESP_PH in respiration mode
GPIO1
5F
Digital input/output
General purpose input/output pin
PWDN
5G
Digital input
Power-down; active low
VCAP1
5H
Analog input/output
Analog bypass capacitor
AVDD
6A
Supply
Analog supply
AVDD
6B
Supply
Analog supply
AVDD
6C
Supply
Analog supply
DRDY
6D
Digital output
Data ready; active low
GPIO3
6E
Digital input/output
GPIO3 in normal mode, RESP in respiration mode
DAISY_IN
6F
Digital input
Daisy-chain input
RESET
6G
Digital input
System reset; active low
VCAP2
6H
Analog bypass capacitor
AVDD1
7A
Supply
Analog supply for charge pump
VCAP3
7B
Analog bypass capacitor
DGND
7C
Supply
Digital ground
DGND
7D
Supply
Digital ground
GPIO2
7E
Digital input/output
General-purpose input/output pin
CS
7F
Digital input
SPI chip select; active low
START
7G
Digital input
Start conversion
DGND
7H
Supply
Digital ground
AVSS1
8A
Supply
Analog ground for charge pump
CLKSEL
8B
Digital input
Master clock select
DVDD
8C
Supply
Digital power supply
DVDD
8D
Supply
Digital power supply
DOUT
8E
Digital output
SPI data out
SCLK
8F
Digital input
SPI clock
CLK
8G
Digital input
Master clock input
DIN
8H
Digital input
SPI data in
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1296 ADS1298


Similar Part No. - ADS1296CZXGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI1-ADS1296CZXGR Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1296CZXGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com