Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24158YFFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # bq24158YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24158YFFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button bq24158YFFR Datasheet HTML 5Page - Texas Instruments bq24158YFFR Datasheet HTML 6Page - Texas Instruments bq24158YFFR Datasheet HTML 7Page - Texas Instruments bq24158YFFR Datasheet HTML 8Page - Texas Instruments bq24158YFFR Datasheet HTML 9Page - Texas Instruments bq24158YFFR Datasheet HTML 10Page - Texas Instruments bq24158YFFR Datasheet HTML 11Page - Texas Instruments bq24158YFFR Datasheet HTML 12Page - Texas Instruments bq24158YFFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
VBUS
2V/div
VSW
5V/div
I
0.5 A/div
BAT
10ms/div
VSW
2V/div
I
0.5 A/div
L
2
s/div
m
I
0.5 A/div
L
VSW
2V/div
100nS/div
VBAT
2V/div
VSW
5V/div
I
0.5 A/div
BAT
1S/div
BatteryInserted
BatteryRemoved
VBAT
2V/div
VBUS
5V/div
I
50mA/div
BUS
100mS/div
VBAT
2V/div
VBUS
4V/div
100mS/div
VSW
5V/div
IBUS
100mA/div
bq24153
bq24156, bq24158
www.ti.com
SLUSA27 – MARCH 2010
TYPICAL PERFORMANCE CHARACTERISTICS
Using circuit shown in Figure 1, TA = 25°C, unless otherwise specified.
ADAPTER INSERTION
CYCLE BY CYCLE CURRENT LIMITING IN CHARGE MODE
Figure 3. VBUS = 0-5V, Iin_limit = 500mA, Voreg = 4.2V
Figure 4. VBUS = 5V, VBAT = 3.5V
VBAT = 3.5V, Ichg = 550mA, 32S mode
Charge Mode Overload Operation
BATTERY INSERTION/REMOVAL
PWM CHARGING WAVEFORMS
Figure 5. VBUS = 5 V, VBAT = 3.4V, Iin_limit = 500 mA (32s
Figure 6. VBUS = 5 V, VBAT = 2.6 V, Voreg = 4.2 V, Ichg = 1550
Mode)
mA
BATTERY DETECTION AT POWER UP (bq24153/6)
BATTERY DETECTION AT POWER UP (bq24158)
Figure 7. VBUS=5V, No battery connected
Figure 8. VBUS=5V, No battery connected
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24153 bq24156 bq24158


Similar Part No. - bq24158YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24158YFFR TI-BQ24158YFFR Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158YFFR TI1-BQ24158YFFR Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - bq24158YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com