Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1296IPAG Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1296IPAG
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1296IPAG Datasheet(HTML) 3 Page - Texas Instruments

  ADS1296IPAG Datasheet HTML 1Page - Texas Instruments ADS1296IPAG Datasheet HTML 2Page - Texas Instruments ADS1296IPAG Datasheet HTML 3Page - Texas Instruments ADS1296IPAG Datasheet HTML 4Page - Texas Instruments ADS1296IPAG Datasheet HTML 5Page - Texas Instruments ADS1296IPAG Datasheet HTML 6Page - Texas Instruments ADS1296IPAG Datasheet HTML 7Page - Texas Instruments ADS1296IPAG Datasheet HTML 8Page - Texas Instruments ADS1296IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
ADS1294
ADS1296
ADS1298
www.ti.com
SBAS459D – JANUARY 2010 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply from 0°C to +70°C. Typical specifications are at +25°C. All specifications at DVDD =
1.8V, AVDD – AVSS = 3V
(1), V
REF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, high resolution mode, and gain = 6,
unless otherwise noted.
ADS1294, ADS1296, ADS1298
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF/GAIN
V
(AINP – AINN)
See the Input Common-Mode Range subsection of
Input common-mode range
the PGA Settings and Input Range section
Input capacitance
20
pF
TA = +25°C, input = 1.5V
±200
pA
Input bias current
TA = 0°C to +70°C, input = 1.5V
±1
nA
No lead-off
1000
M
DC input impedance
Current source lead-off detection
500
M
Pull-up resistor lead-off detection
10
M
PGA PERFORMANCE
Gain settings
1, 2, 3, 4, 6, 8, 12
Bandwidth
See Table 6
ADC PERFORMANCE
DR[2:0] = 011 to 110, no missing codes
24
Bits
Resolution
DR[2:0] = 001
19
Bits
DR[2:0] = 000
17
Bits
fCLK = 2.048MHz
500
32000
SPS
Data rate
fCLK = 2.048MHz, Low-Power mode
125
16000
SPS
CHANNEL PERFORMANCE
DC Performance
Gain = 6(2), 10 seconds of data
5
mVPP
Gain = 6, 256 points, 0.5 seconds of data
4
7
mVPP
Input-referred noise
Gain settings other than 6, data rate other
See Noise Measurements section
than 500SPS
Integral nonlinearity
Full-scale with gain = 6, best fit
8
ppm
Offset error
±500
mV
Offset error drift
2
mV/°C
Gain error
Excluding voltage reference error
±0.2
±0.5
% of FS
Gain drift
Excluding voltage reference drift
5
ppm/°C
Gain match between channels
0.3
% of FS
AC Performance
Common-mode rejection
fCM = 50Hz, 60Hz
(3)
105
115
dB
Power-supply rejection
fPS = 50Hz, 60Hz
90
dB
Crosstalk
fIN = 50Hz, 60Hz
–126
dB
Signal-to-noise ratio (SNR)
fIN = 10Hz input, gain = 6
112
dB
10Hz, –0.5dBFs
–98
dB
Total harmonic distortion (THD)
100Hz, –0.5dBFs
–100
dB
(1)
Performance is applicable for 5V operation as well. Production testing for limits is performed at 3V.
(2)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with input shorted
(without electrode resistance) over a 10-second interval.
(3)
CMRR is measured with a common-mode signal of AVSS + 0.3V to AVDD – 0.3V. The values indicated are the minimum of the eight
channels.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1294 ADS1296 ADS1298


Similar Part No. - ADS1296IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1296IPAG TI-ADS1296IPAG Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296IPAG TI-ADS1296IPAG Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296IPAG TI-ADS1296IPAG Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296IPAG TI-ADS1296IPAG Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296IPAG TI1-ADS1296IPAG Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1296IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com