Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA141AIDGKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA141AIDGKR
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA141AIDGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA141AIDGKR Datasheet HTML 6Page - Texas Instruments OPA141AIDGKR Datasheet HTML 7Page - Texas Instruments OPA141AIDGKR Datasheet HTML 8Page - Texas Instruments OPA141AIDGKR Datasheet HTML 9Page - Texas Instruments OPA141AIDGKR Datasheet HTML 10Page - Texas Instruments OPA141AIDGKR Datasheet HTML 11Page - Texas Instruments OPA141AIDGKR Datasheet HTML 12Page - Texas Instruments OPA141AIDGKR Datasheet HTML 13Page - Texas Instruments OPA141AIDGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
140
120
100
80
60
40
20
0
20
-
180
135
90
45
0
10
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
Phase
Gain
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0
4
8
12
16
20
24
28
32
36
SupplyVoltage(V)
SpecifiedSupply-VoltageRange
30
20
10
0
10
20
-
-
100k
1M
10M
100M
Frequency(Hz)
G=+10
G=+1
G= 1
-
-50
-25
-75
0
25
50
75
100
125
150
Temperature( C)
°
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
-
-
1.2
1.4
2k
Load
W
10k
Load
W
10
Frequency(Hz)
100M
100
1k
10k
100k
10M
1M
1k
100
10
1
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
R
=0W
OUT
R
=24W
OUT
+15V
-15V
R
OUT
C
L
OPA141
R
L
G=+1
R
=51W
OUT
OPA141
OPA2141
OPA4141
SBOS510B – MARCH 2010 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
QUIESCENT CURRENT vs SUPPLY VOLTAGE
GAIN AND PHASE vs FREQUENCY
Figure 14.
Figure 15.
CLOSED-LOOP GAIN vs FREQUENCY
OPEN-LOOP GAIN vs TEMPERATURE
Figure 16.
Figure 17.
SMALL-SIGNAL OVERSHOOT
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
vs CAPACITIVE LOAD (100mV Output Step)
Figure 18.
Figure 19.
10
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA141 OPA2141 OPA4141


Similar Part No. - OPA141AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141AIDGKR TI-OPA141AIDGKR Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
More results

Similar Description - OPA141AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141 TI-OPA141_1 Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com