Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC225X-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC225X-EP
Description  VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC225X-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC225X-EP Datasheet HTML 4Page - Texas Instruments TLC225X-EP Datasheet HTML 5Page - Texas Instruments TLC225X-EP Datasheet HTML 6Page - Texas Instruments TLC225X-EP Datasheet HTML 7Page - Texas Instruments TLC225X-EP Datasheet HTML 8Page - Texas Instruments TLC225X-EP Datasheet HTML 9Page - Texas Instruments TLC225X-EP Datasheet HTML 10Page - Texas Instruments TLC225X-EP Datasheet HTML 11Page - Texas Instruments TLC225X-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TLC225xEP, TLC225xAEP
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SGLS216 − NOVEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2252-EP
TLC2252A-EP
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VO = ± 2 V,
RL = 100 kΩ,
25
°C
0.07
0.12
0.07
0.12
SR
Slew rate at unity gain
VO = ± 2 V,
RL = 100 kΩ,
CL = 100 pF
Full
range
0.05
0.05
V/
µs
Vn
Equivalent input noise
f = 10 Hz
25
°C
38
38
nV/
√Hz
Vn
Equivalent input noise
voltage
f = 1 kHz
25
°C
19
19
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 Hz to 1 Hz
25
°C
0.8
0.8
V
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
1.1
µV
In
Equivalent input noise
current
25
°C
0.6
0.6
fA
√Hz
THD + N
Total harmonic distortion
VO = ± 2.3 V,
RL = 50 kΩ
AV = 1
25
°C
0.2%
0.2%
THD + N
Total harmonic distortion
plus noise
O
RL = 50 kΩ,
f = 10 kHz
AV = 10
25
°C
1%
1%
Gain-bandwidth product
f =10 kHz,
RL = 50 kΩ,
CL = 100 pF
25
°C
0.21
0.21
MHz
BOM
Maximum output-swing
bandwidth
VO(PP) = 4.6 V, AV = 1,
RL = 50 kΩ,
CL = 100 pF
25
°C
14
14
kHz
φm
Phase margin at unity
gain
RL = 50 kΩ,
CL = 100 pF
25
°C
63
°
63
°
Gain margin
RL = 50 kΩ,
CL = 100 pF
25
°C
15
15
dB
† Full range is −40°C to 125°C for Q suffix.


Similar Part No. - TLC225X-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC225X-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L4CDT STMICROELECTRONICS-TS27L4CDT Datasheet
217Kb / 15P
   Very low power precision CMOS quad operational amplifiers
March 2009 Rev 3
OP07C STMICROELECTRONICS-OP07C Datasheet
43Kb / 4P
   VERY LOW OFFSET SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV225X-EP TI1-TLV225X-EP Datasheet
1Mb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RALIL VERY-LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com