Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71202 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS71202
Description  Power for C5504/05
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71202 Datasheet(HTML) 7 Page - Texas Instruments

  TPS71202 Datasheet HTML 1Page - Texas Instruments TPS71202 Datasheet HTML 2Page - Texas Instruments TPS71202 Datasheet HTML 3Page - Texas Instruments TPS71202 Datasheet HTML 4Page - Texas Instruments TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TPS71202
600mA
400mA
TPS62400
High Input Voltage
3.3V @ 55mA
USB_VDDOSC, USB_VDDA3P3,
USB_VDDPLL
C5504/05
C5504/05
DVDDEMIF
1.8 / 2.5 / 2.8V
@ 245mA
DVDDIO, DVDDRTC
1.8 - 3.0V @ 5mA
LDOI
1.8 / 2.5 / 2.8V
@ 300mA
CVDD, CVDDRTC
1.05V / 1.3V @ 500mA
Note:
If DVDDIO, DVDDRTC, DVDDEMIF, LDOI are 3.3V, connect directly to 3.3V
TPS62111
1.3V @ 70mA
USB_VDD1P3, USB_VDDA1P3,
SLVA401A


Similar Part No. - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI-TPS71202 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS71202

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
TB501-01 PLL-TB501-01 Datasheet
31Kb / 1P
   Test Board for PLL501-01/-05
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1 Datasheet
181Kb / 2P
   PHOTODIODE 05 mm
logo
RMT Ltd.
2MC04-083-05 RMT-2MC04-083-05 Datasheet
252Kb / 4P
   2MC04-083-05
2MD06-022-05 RMT-2MD06-022-05 Datasheet
345Kb / 4P
   2MD06-022-05
logo
Texas Instruments
AM3517_1005 TI-AM3517_1005 Datasheet
1Mb / 218P
[Old version datasheet]   AM3517/05 ARM Microprocessor
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
   5W Output Switching IRM-05 series Power Supply
2013-07-09
logo
Mallory performance clu...
82553 MALLORY-82553 Datasheet
67Kb / 1P
   BlasterTM Coils for HEMI짰 Engines 05-14, 5.7/6.1L
logo
Alcoa international inc...
99-3712-1 ALCOA-99-3712-1 Datasheet
57Kb / 1P
   NOSE ASSEMBLY - 05 BLIND BOLT
logo
Johanson Technology Inc...
2450FB15K0003 JOHANSON-2450FB15K0003_09 Datasheet
120Kb / 2P
   2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
logo
TRACO Electronic AG
TMPS05 TRACOPOWER-TMPS05 Datasheet
1,014Kb / 5P
   AC/DC Power Supply TMPS 05 Series, 5 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com