Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3120IRHBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3120IRHBT
Description  Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC3120IRHBT Datasheet(HTML) 3 Page - Texas Instruments

  TLV320DAC3120IRHBT Datasheet HTML 1Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 2Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 3Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 4Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 5Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 6Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 7Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 8Page - Texas Instruments TLV320DAC3120IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
P0048-12
AVSS
SPKVSS
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
25
15
26
14
27
13
28
12
29
11
30
10
31
9
32
NC
AIN2
AIN1
MICBIAS
VOL/MICDET
SCL
SDA
RHB Package
(Top View)
SPKP
HPOUT
HPVDD
HPVSS
NC
RESET
GPIO1
TLV320DAC3120
TLV320DAC3120
www.ti.com
SLAS659 – NOVEMBER 2009
2
PACKAGE AND SIGNAL DESCRIPTIONS
2.1
Package/Ordering Information
OPERATING
TRANSPORT MEDIA,
PACKAGE
PRODUCT
PACKAGE
TEMPERATURE
ORDERING NUMBER
QUANTITY
DESIGNATOR
RANGE
TLV320DAC3120IRHBT
Tape and reel, 250
TLV320DAC3120
QFN-32
RHB
–40°C to 85°C
TLV320DAC3120IRHBR
Tape and reel, 3000
2.2
Device Information
Table 2-1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AIN1
13
I
Analog input #1 routed to output mixer
AIN2
14
I
Analog input #2 routed to output mixer
AVDD
17
Analog power supply
AVSS
16
Analog ground
BCLK
7
I/O
Audio serial bit clock
DIN
5
I
Audio serial data input
DVDD
3
Digital power – digital core
DVSS
18
Digital ground
GPIO1
32
I/O
General-purpose input/output and multifunction pin
HPOUT
27
O
Headphone/lineout driver output
HPVDD
28
Headphone/line driver and PLL power
HPVSS
29
Headphone/line driver and PLL ground
IOVDD
2
Interface power
IOVSS
1
Interface ground
MCLK
8
I
Exterrnal master clock
Copyright © 2009, Texas Instruments Incorporated
PACKAGE AND SIGNAL DESCRIPTIONS
3
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3120


Similar Part No. - TLV320DAC3120IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120IRHBT TI-TLV320DAC3120IRHBT Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3120IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com