Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1806ZWTA3 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM1806ZWTA3
Description  AM1806 ARM Microprocessor
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806ZWTA3 Datasheet(HTML) 4 Page - Texas Instruments

  AM1806ZWTA3 Datasheet HTML 1Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 2Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 3Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 4Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 5Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 6Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 7Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 8Page - Texas Instruments AM1806ZWTA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 241 page
background image
AM1806
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
www.ti.com
1.3
Description
The device is a Low-power applications processor based on ARM926EJ-S™.
The device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance life through the maximum
flexibility of a fully integrated mixed processor solution.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and Data and program Memory
Management Units (MMUs) with table look-aside buffers. It has separate 16K-byte instruction and
16K-byte data caches. Both are four-way associative with virtual index virtual tag (VIVT). The ARM core
also has a 8KB RAM (Vector Table) and 64KB ROM.
The peripheral set includes: one USB2.0 OTG interface; two inter-integrated circuit (I2C) Bus interfaces;
one multichannel audio serial port (McASP) with 16 serializers and FIFO buffers; two multichannel
buffered serial ports (McBSP) with FIFO buffers; two SPI interfaces with multiple chip selects; four 64-bit
general-purpose timers each configurable (one configurable as watchdog); a configurable 16-bit host port
interface (HPI) ; up to 9 banks of 16 pins of general-purpose input/output (GPIO) with programmable
interrupt/event generation modes, multiplexed with other peripherals; three UART interfaces (each with
RTS and CTS); two enhanced high-resolution pulse width modulator (eHRPWM) peripherals; 3 32-bit
enhanced capture (eCAP) module peripherals which can be configured as 3 capture inputs or 3 auxiliary
pulse width modulator (APWM) outputs; and 2 external memory interfaces: an asynchronous and SDRAM
external memory interface (EMIFA) for slower memories or peripherals, and a higher speed DDR2/Mobile
DDR controller.
The Universal Parallel Port (uPP) provides a high-speed interface to many types of data converters,
FPGAs or other parallel devices. The UPP supports programmable data widths between 8- to 16-bits on
each of two channels. Single-date rate and double-data rate transfers are supported as well as START,
ENABLE and WAIT signals to provide control for a variety of data converters.
A Video Port Interface (VPIF) is included providing a flexible video input/output port.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The device has a complete set of development tools for the ARM . These include C compilers, and
scheduling, and a Windows™ debugger interface for visibility into source code execution.
4
AM1806 ARM Microprocessor
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1806


Similar Part No. - AM1806ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI1-AM1806 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results

Similar Description - AM1806ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com