Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4515KTTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4515KTTR
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4515KTTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A4515KTTR Datasheet HTML 1Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 2Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 3Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 4Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 5Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 6Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 7Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 8Page - Texas Instruments TPS7A4515KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS7A45xx
SLVS720C – JUNE 2008 – REVISED SEPTEMBER 2009 ................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
(continued)
Over operating temperature range TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP (2)
MAX
UNIT
25°C
0.02
0.05
ILOAD = 1 mA
Full range
0.06
25°C
0.085
0.10
ILOAD = 100 mA
Full range
0.13
Dropout voltage(4) (6) (7)
VDO
V
VIN = VOUT(NOMINAL)
25°C
0.17
0.180
ILOAD = 500 mA
Full range
0.250
25°C
0.300
0.350
ILOAD = 1.5 A
Full range
0.450
ILOAD = 0 mA
Full range
1
1.5
ILOAD = 1 mA
Full range
1.1
1.6
GND pin current(7) (8)
IGND
ILOAD = 100 mA
Full range
3.3
3.5
mA
VIN = VOUT(NOMINAL) + 1
ILOAD = 500 mA
Full range
15
17
ILOAD = 1.5 A
Full range
80
90
COUT = 10 μF, ILOAD = 1.5 A,
eN
Output voltage noise
25°C
35
μVRMS
BW = 10 Hz to 100 kHz
IADJ
ADJ pin bias current(3) (9)
25°C
3
7
μA
VOUT = OFF to ON
Full range
0.9
2
Shutdown threshold
V
VOUT = ON to OFF
Full range
0.25
0.75
V SHDN = 0 V
25°C
0.01
1
I SHDN
SHDN pin current
μA
V SHDN = 20 V
25°C
3
20
Quiescent current in
VIN = 6 V, V SHDN = 0 V
25°C
0.01
1
μA
shutdown
VIN – VOUT = 1.5 V (avg), VRIPPLE = 0.5 VP-P,
Ripple rejection
25°C
68
dB
fRIPPLE = 120 Hz, ILOAD = 0.75 A
VIN = 7 V, VOUT = 0 V
25°C
2
ILIMIT
Current limit
A
VIN = VOUT(NOMINAL) + 1
Full range
1.6
Input reverse leakage
IIL
VIN = –20 V, VOUT = 0 V
Full range
300
μA
current
TPS7A4515
VOUT = 1.5 V, VIN < 1.5 V
25°C
600
1000
TPS7A4518
VOUT = 1.8 V, VIN < 1.8 V
25°C
600
1000
IRO
Reverse output current(10)
TPS7A4525
VOUT = 2.5 V, VIN < 2.5 V
25°C
600
1000
μA
TPS7A4533
VOUT = 3.3 V, VIN < 3.3 V
25°C
600
1000
TPS7A4501
VOUT = 1.21 V, VIN < 1.21 V
25°C
300
500
(6)
Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In
dropout, the output voltage is equal to: VIN – VDROPOUT.
(7)
To satisfy requirements for minimum input voltage, the TPS7A4501 is tested and specified for these conditions with an external resistor
divider (two 4.12-k
Ω resistors) for an output voltage of 2.4 V. The external resistor divider adds a 300-mA DC load on the output.
(8)
GND pin current is tested with VIN = (VOUT(NOMINAL) + 1 V) and a current source load. The GND pin current decreases at higher input
voltages.
(9)
ADJ pin bias current flows into the ADJ pin.
(10) Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output voltage. This current flows into the
OUT pin and out the GND pin.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS7A45xx


Similar Part No. - TPS7A4515KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4515KTTR TI-TPS7A4515KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515KTTR TI-TPS7A4515KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515KTTR TI1-TPS7A4515KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4515KTTR TI1-TPS7A4515KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4515KTTRG3 TI-TPS7A4515KTTRG3 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7A4515KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com