Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4050A41QDCKT Datasheet(PDF) 1 Page - Texas Instruments

Part # TL4050A41QDCKT
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4050A41QDCKT Datasheet(HTML) 1 Page - Texas Instruments

  TL4050A41QDCKT Datasheet HTML 1Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 2Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 3Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 4Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 5Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 6Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 7Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 8Page - Texas Instruments TL4050A41QDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
APPLICATIONS
CATHODE
ANODE
*
1
2
3
DCK (SC-70) PACKAGE
(TOP VIEW)
ANODE
NC
CATHODE
NC
NC
1
2
3
5
4
NC – No internal connection
DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
«Pin 3 is attached to Substrate and must
be connected to ANODE or left open.
DESCRIPTION/ORDERING INFORMATION
TL4050
www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
• Data-Acquisition Systems
• Fixed Output Voltages of 2.5 V, 4.096 V, 5 V,
and 10 V
• Power Supplies and Power-Supply Monitors
• Instrumentation and Test Equipment
• Tight Output Tolerances and Low Temperature
Coefficient
• Process Controls
• Precision Audio
Max 0.1%, 50 ppm/°C – A Grade
• Automotive Electronics
Max 0.2%, 50 ppm/°C – B Grade
• Energy Management
Max 0.5%, 50 ppm/°C – C Grade
• Battery-Powered Equipment
• Low Output Noise: 41 µV
RMS Typ
• Wide Operating Current Range:
60
µA Typ to 15 mA
• Stable With All Capacitive Loads; No Output
Capacitor Required
• Available in Extended Temperature Range:
–40°C to 125°C
The TL4050 series of shunt voltage references are versatile easy-to-use references suitable for a wide array of
applications. The two-terminal fixed-output device requires no external capacitors for operation and is stable with
all capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low temperature
coefficient to ensure a stable output voltage over a wide range of operating currents and temperatures.
The TL4050 is offered in three initial tolerances, ranging from 0.1% (max) for the A grade to 0.5% (max) for the
C grade. Thus, a great deal of flexibility is offered to designers in choosing the best cost-to-performance ratio for
their applications. Packaged in the space-saving SOT-23-3 and SC-70 packages and requiring a minimum
current of 45
µA (typ), the TL4050 also is ideal for portable applications.
The TL4050xI is characterized for operation over an ambient temperature range of –40°C to 85°C. The
TL4050xQ is characterized for operation over an ambient temperature range of –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL4050A41QDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4050A41QDCKT TI-TL4050A41QDCKT Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A41QDCKT TI1-TL4050A41QDCKT Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A41QDCKT TI1-TL4050A41QDCKT Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A41QDCKTG4 TI-TL4050A41QDCKTG4 Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A41QDCKTG4 TI1-TL4050A41QDCKTG4 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - TL4050A41QDCKT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com