Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22902BYFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22902BYFPR
Description  ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22902BYFPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS22902BYFPR Datasheet HTML 1Page - Texas Instruments TPS22902BYFPR Datasheet HTML 2Page - Texas Instruments TPS22902BYFPR Datasheet HTML 3Page - Texas Instruments TPS22902BYFPR Datasheet HTML 4Page - Texas Instruments TPS22902BYFPR Datasheet HTML 5Page - Texas Instruments TPS22902BYFPR Datasheet HTML 6Page - Texas Instruments TPS22902BYFPR Datasheet HTML 7Page - Texas Instruments TPS22902BYFPR Datasheet HTML 8Page - Texas Instruments TPS22902BYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ELECTRICAL CHARACTERISTICS
TPS22901, TPS22902, TPS22902B
SLVS803B – NOVEMBER 2008 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
VIN = 1.0 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1)
MAX
UNIT
VIN = 1.1 V
Full
37
120
IIN
Quiescent current
IOUT = 0, VIN = VON
VIN = 1.8 V
Full
82
235
nA
VIN = 3.6 V
Full
204
880
VIN = 1.1 V
Full
22
210
IIN(OFF)
OFF-state supply current
VON = GND, OUT = Open
VIN = 1.8 V
Full
44
260
nA
VIN = 3.6 V
Full
137
700
VIN = 1.1 V
Full
22
140
IIN(LEAKAGE)
OFF-state switch current
VON = GND, VOUT = 0
VIN = 1.8 V
Full
45
230
nA
VIN = 3.6 V
Full
137
610
25°C
78
95
VIN = 3.6 V
Full
95
25°C
93
110
VIN = 2.5 V
Full
110
25°C
109
130
rON
ON-state resistance
IOUT = - 200 mA
VIN = 1.8 V
m
Full
130
25°C
146
200
VIN = 1.2 V
Full
200
25°C
174
330
VIN = 1.1 V
Full
330
VIN = 3.3 V, VON = 0, IOUT = 30 mA
rPD
Output pulldown resistance
25°C
88
120
(TPS22902/TPS22902B only)
ION
ON input leakage current
VON = 1.1 V to 3.6 V or GND
Full
25
nA
(1)
Typical values are at the specified VIN and TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22901 TPS22902 TPS22902B


Similar Part No. - TPS22902BYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903YFPR TI-TPS22903YFPR Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903YFPR TI-TPS22903YFPR Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results

Similar Description - TPS22902BYFPR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com