Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G74DP
Description  Single D-type flip-flop with set and reset; positive edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G74DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G74DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 10Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 11Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 12Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 13Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74LVC1G74_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 December 2009
10 of 21
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
12. Waveforms
Measurement points are given in Table 10.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
The clock input (CP) to output (Q, Q) propagation delays, the clock pulse width, the D to CP set-up, the
CP to D hold times and the maximum frequency
mnb141
th
tsu
th
tPHL
tPHL
tPLH
tPLH
tsu
1/fmax
tW
VM
VM
VM
VI
GND
VM
VI
GND
CP input
D input
VOH
VOL
Q output
VOH
VOL
Q output
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× VCC
0.5
× VCC
2.3 V to 2.7 V
0.5
× VCC
0.5
× VCC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× VCC


Similar Part No. - 74LVC1G74DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74DP PHILIPS-74LVC1G74DP Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74DP NXP-74LVC1G74DP Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC1G74DP NXP-74LVC1G74DP Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74DP NXP-74LVC1G74DP Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74DP PHILIPS-74LVC1G74DP Datasheet
166Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10-2 December 2011
More results

Similar Description - 74LVC1G74DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
logo
Nexperia B.V. All right...
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
   Single D-type flip-flop with set and reset; positive edge trigger
logo
NXP Semiconductors
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
   Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com