Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74GT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC1G74GT
Description  Single D-type flip-flop with set and reset; positive edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G74GT Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC1G74GT Datasheet HTML 1Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 2Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 3Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74LVC1G74_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 December 2009
4 of 21
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aah948
74LVC1G74
Transparent top view
8
7
6
5
1
2
3
4
CP
D
Q
GND
VCC
SD
RD
Q
001aaf641
D
RD
CP
Q
SD
Q
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC1G74
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1, SOT833-1,
SOT996-2 and SOT1089
SOT902-1
CP
1
7
clock input (LOW-to-HIGH, edge-triggered)
D
2
6
data input
Q
3
5
complement output
GND
4
4
ground (0 V)
Q
5
3
true output
RD
6
2
asynchronous reset-direct input (active LOW)
SD
7
1
asynchronous set-direct input (active LOW)
VCC
8
8
supply voltage
Table 4.
Function table for asynchronous operation[1]
Input
Output
SD
RD
CP
D
Q
Q
L
H
XXH
L
H
L
XXL
H
L
L
XXH
H


Similar Part No. - 74LVC1G74GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74GT PHILIPS-74LVC1G74GT Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74GT NXP-74LVC1G74GT Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC1G74GT NXP-74LVC1G74GT Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74GT NXP-74LVC1G74GT Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74GT PHILIPS-74LVC1G74GT Datasheet
166Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10-2 December 2011
More results

Similar Description - 74LVC1G74GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
logo
Nexperia B.V. All right...
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
   Single D-type flip-flop with set and reset; positive edge trigger
logo
NXP Semiconductors
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
   Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com