Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G86GV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G86GV
Description  2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G86GV Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G86GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G86GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVC1G86_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 18 July 2007
3 of 14
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 4.
Pin configuration SOT353-1
and SOT753
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891
74LVC1G86
BVCC
A
GND
Y
001aaf186
1
2
3
5
4
74LVC1G86
A
001aaf187
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74LVC1G86
A
001aaf259
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753
SOT886/SOT891
B
1
1
data input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
B
Y
LLL
LH
H
HL
H
HHL


Similar Part No. - 74LVC1G86GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86GV PHILIPS-74LVC1G86GV Datasheet
86Kb / 15P
   2-input EXCLUSIVE-OR gate
2004 Sep 08
logo
Nexperia B.V. All right...
74LVC1G86GV NEXPERIA-74LVC1G86GV Datasheet
255Kb / 16P
   2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
74LVC1G86GV-Q100 NEXPERIA-74LVC1G86GV-Q100 Datasheet
183Kb / 13P
   2-input EXCLUSIVE-OR gate
More results

Similar Description - 74LVC1G86GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com