Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70030DDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70030DDCR
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70030DDCR Datasheet(HTML) 1 Page - Texas Instruments

  TLV70030DDCR Datasheet HTML 1Page - Texas Instruments TLV70030DDCR Datasheet HTML 2Page - Texas Instruments TLV70030DDCR Datasheet HTML 3Page - Texas Instruments TLV70030DDCR Datasheet HTML 4Page - Texas Instruments TLV70030DDCR Datasheet HTML 5Page - Texas Instruments TLV70030DDCR Datasheet HTML 6Page - Texas Instruments TLV70030DDCR Datasheet HTML 7Page - Texas Instruments TLV70030DDCR Datasheet HTML 8Page - Texas Instruments TLV70030DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLV700xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV700xxDSE
1,5-mmx1,5-mmSON
(TOPVIEW)
TLV700xxDDC
TSOT23-5
(TOPVIEW)
OUT
N/C
IN
GND
EN
1
2
3
5
4
TLV700xxDCK
SC70-5PACKAGE
(TOPVIEW)
OUT
N/C
IN
GND
EN
1
2
3
4
5
TLV700xx
TLV701xx
www.ti.com
SLVSA00A – SEPTEMBER 2009 – REVISED APRIL 2010
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
1
FEATURES
DESCRIPTION
234
Very Low Dropout:
43 mV at IOUT = 50 mA, VOUT = 2.8 V
The TLV700xx/TLV701xx series of low-dropout (LDO)
linear regulators are low quiescent current devices
85 mV at IOUT = 100 mA, VOUT = 2.8 V
with excellent line and load transient performance.
175 mV at IOUT = 200 mA, VOUT = 2.35 V
These
LDOs
are
designed
for
power-sensitive
2% Accuracy
applications. A precision bandgap and error amplifier
provides overall 2% accuracy. Low output noise, very
Low IQ: 31 mA
high power-supply rejection ratio (PSRR), and low
Available in Fixed-Output Voltages from 0.7 V
dropout voltage make this series of devices ideal for
to 4.8 V
most
battery-operated
handheld
equipment.
All
High PSRR: 68 dB at 1 kHz
device versions have thermal shutdown and current
limit for safety.
Stable with Effective Capacitance of 0.1 mF
Thermal Shutdown and Overcurrent Protection
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 mF. This
Available in 1,5-mm × 1,5-mm SON-6, SOT23-5,
feature enables the use of cost-effective capacitors
and SC-70 packages
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
APPLICATIONS
with no output load.
Wireless Handsets
The TLV700xx series of LDOs are available in
Smart Phones, PDAs
1,5-mm x 1,5-mm SON-6, TSOT23-5, and SC-70
MP3 Players
packages.
The
TLV701xx
series
of
LDOs
are
ZigBee® Networks
available in a 1,5-mm x 1,5-mm SON-6 package.
Bluetooth® Devices
space
Li-Ion Operated Handheld Products
space
WLAN and Other PC Add-on Cards
Typical Application Circuit (Fixed-Voltage
Versions)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG.
3
ZigBee is a registered trademark of the ZigBee Alliance.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV70030DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70030DDCR TI-TLV70030DDCR Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70030DDCR TI-TLV70030DDCR Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70030DDCR TI-TLV70030DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70030DDCR TI-TLV70030DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70030DDCR TI1-TLV70030DDCR Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70030DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com