Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63000 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS63000
Description  HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS63000_08 Datasheet HTML 3Page - Texas Instruments TPS63000_08 Datasheet HTML 4Page - Texas Instruments TPS63000_08 Datasheet HTML 5Page - Texas Instruments TPS63000_08 Datasheet HTML 6Page - Texas Instruments TPS63000_08 Datasheet HTML 7Page - Texas Instruments TPS63000_08 Datasheet HTML 8Page - Texas Instruments TPS63000_08 Datasheet HTML 9Page - Texas Instruments TPS63000_08 Datasheet HTML 10Page - Texas Instruments TPS63000_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
50
55
60
65
70
75
80
85
90
95
100
V -InputVoltage-V
I
TPS63002
V
=5V
O
I
=10mA
O
I
=100mA
O
I
=500mA
O
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
3.200
3.250
3.300
3.350
3.400
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V =3.6V
I
TPS63001
V
=3.3V
O
4.850
4.900
4.950
5
5.050
5.100
5.150
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
TPS63002
V
=5V
O
V =3.6V
I
TPS63000
TPS63001
TPS63002
www.ti.com........................................................................................................................................................... SLVS520B – MARCH 2006 – REVISED JULY 2008
EFFICIENCY
OUTPUT VOLTAGE
vs
vs
INPUT CURRENT (TPS63002)
OUTPUT CURRENT (TPS63001)
Figure 5.
Figure 6.
OUTPUT VOLTAGE
vs
OUTPUT CURRENT (TPS63002)
Figure 7.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS63000 TPS63001 TPS63002


Similar Part No. - TPS63000_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS63000DRC TI-TPS63000DRC Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI1-TPS63000DRC Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI1-TPS63000DRC Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
More results

Similar Description - TPS63000_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com