Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G57 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G57
Description  Low-power configurable multiple function gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G57 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G57 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC1G57_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 July 2007
2 of 17
NXP Semiconductors
74LVC1G57
Low-power configurable multiple function gate
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G57GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G57GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC1G57GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G57GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74LVC1G57GW
YC
74LVC1G57GV
V57
74LVC1G57GM
YC
74LVC1G57GF
YC
Fig 1.
Logic symbol
Y
C
B
A
6
1
3
4
001aab583


Similar Part No. - 74LVC1G57

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G57 PHILIPS-74LVC1G57 Datasheet
99Kb / 18P
   Low-power configurable multiple function gate
Rev. 01-6 September 2004
logo
Diodes Incorporated
74LVC1G57 DIODES-74LVC1G57 Datasheet
292Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35125 Rev. 1 - 2
74LVC1G57 DIODES-74LVC1G57 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Nexperia B.V. All right...
74LVC1G57 NEXPERIA-74LVC1G57 Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Similar Description - 74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com