Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22943 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22943
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22943 Datasheet(HTML) 5 Page - Texas Instruments

  TPS22943 Datasheet HTML 1Page - Texas Instruments TPS22943 Datasheet HTML 2Page - Texas Instruments TPS22943 Datasheet HTML 3Page - Texas Instruments TPS22943 Datasheet HTML 4Page - Texas Instruments TPS22943 Datasheet HTML 5Page - Texas Instruments TPS22943 Datasheet HTML 6Page - Texas Instruments TPS22943 Datasheet HTML 7Page - Texas Instruments TPS22943 Datasheet HTML 8Page - Texas Instruments TPS22943 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
www.ti.com
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
VIN = 1.62 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1) MAX
UNIT
UVLO
Undervoltage shutdown
VIN increasing
Full
1.32
1.42
1.52
V
Undervoltage shutdown
Full
45
mV
hysteresis
Control Output (OC)
VIN = 5 V, ISINK = 10 mA
0.1
0.2
OC output logic low
Vol
Full
V
voltage
VIN = 1.8 V, ISINK = 10 mA
0.1
0.3
OC output high leakage
Ioz
VIN = 5 V, Switch ON
Full
0.5
μA
current voltage
Control Input (ON)
VIN = 1.8 V
Full
1.1
V
VIN = 2.5 V
Full
1.3
V
ON high-level input
Vih
voltage
VIN = 3.3 V
Full
1.4
V
VIN = 5.5 V
Full
1.7
V
VIN = 1.8 V
Full
0.5
V
VIN = 2.5 V
Full
0.7
V
Vil
ON low-level input voltage
VIN = 3.3 V
Full
0.8
V
VIN = 5.5 V
Full
0.9
V
ON high-level input
Ii
VIN = 1.8 V to 5 V, Switch ON
Full
1
μA
leakage current
SWITCHING CHARACTERISTICS
VIN = 3.3 V, RL = 500 Ω, CL = 0.1 μF, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turn-ON time
RL = 500 Ω,
CL = 0.1 μF
60
μs
tOFF
Turn-OFF time
RL = 500 Ω,
CL = 0.1 μF
30
μs
tr
VOUT rise time
RL = 500 Ω,
CL = 0.1 μF
10
μs
tf
VOUT fall time
RL = 500 Ω,
CL = 0.1 μF
90
μs
tBLANK
Over current blanking time
TPS22941/2/5
5
10
20
ms
tRSTART
Auto-restart time
TPS22941/2/5
40
80
160
ms
VIN = VON = 3.3 V, moderate overcurrent condition
9
μs
Short-circuit response time
VIN = VON = 3.3 V, hard short
4
μs
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945


Similar Part No. - TPS22943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22943 TI-TPS22943 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22943DCKR TI-TPS22943DCKR Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
More results

Similar Description - TPS22943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
logo
STMicroelectronics
STEVAL-ISA057V1 STMICROELECTRONICS-STEVAL-ISA057V1 Datasheet
104Kb / 4P
   Short-circuit protection based on auto-restart feature
November 2008 Rev 1
logo
Texas Instruments
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Powerbox
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
   Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com