Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54418RTET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54418RTET
Description  2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54418RTET Datasheet(HTML) 3 Page - Texas Instruments

  TPS54418RTET Datasheet HTML 1Page - Texas Instruments TPS54418RTET Datasheet HTML 2Page - Texas Instruments TPS54418RTET Datasheet HTML 3Page - Texas Instruments TPS54418RTET Datasheet HTML 4Page - Texas Instruments TPS54418RTET Datasheet HTML 5Page - Texas Instruments TPS54418RTET Datasheet HTML 6Page - Texas Instruments TPS54418RTET Datasheet HTML 7Page - Texas Instruments TPS54418RTET Datasheet HTML 8Page - Texas Instruments TPS54418RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS54418
www.ti.com
SLVS946A – MAY 2009 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
2.95
6
V
Internal under voltage lockout threshold
No voltage hysteresis, rising and falling
2.6
2.8
V
Shutdown supply current
EN = 0 V, 25°C, 2.95 V
≤ VIN ≤ 6 V
2
5
mA
Quiescent Current - Iq
VSENSE = 0.9 V, VIN = 5 V, 25°C, RT = 400 k
350
500
mA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.16
1.25
1.37
V
Falling
1.18
Enable threshold + 50 mV
-3.2
Input current
mA
Enable threshold – 50 mV
-0.65
VOLTAGE REFERENCE (VSENSE PIN)
Voltage Reference
2.95 V
≤ VIN ≤ 6 V, –40°C <TJ < 150°C
0.795
0.803
0.811
V
MOSFET
BOOT-PH= 5 V
30
60
High side switch resistance
m
BOOT-PH= 2.95 V
44
70
VIN= 5 V
30
60
Low side switch resistance
m
VIN= 2.95 V
44
70
ERROR AMPLIFIER
Input current
7
nA
Error amplifier transconductance (gm)
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V
225
mmhos
Error amplifier transconductance (gm) during
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V,
70
mmhos
slow start
Vsense = 0.4 V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±20
mA
COMP to Iswitch gm
13.0
A/V
CURRENT LIMIT
Current limit threshold
5.0
6.4
A
THERMAL SHUTDOWN
Thermal Shutdown
175
°C
Hysteresis
15
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT mode
200
2000
kHz
Switching frequency
Rt = 400 k
400
500
600
kHz
Switching frequency range using CLK mode
300
2000
kHz
Minimum CLK pulse width
75
ns
RT/CLK voltage
R(RT/CLK)= 400k
0.5
V
RT/CLK high threshold
1.6
2.2
V
RT/CLK low threshold
0.4
0.6
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
90
ns
PLL lock in time
Measure at 500 kHz
14
ms
PH (PH PIN)
Minimum On time
Measured at 50% points on PH, IOUT = 4 A
60
ns
Measured at 50% points on PH, VIN = 5 V, IOUT = 0
110
A
Minimum Off time
Prior to skipping off pulses, BOOT-PH = 2.95 V,
60
ns
IOUT = 4 A
Rise/Fall Time
VIN = 5 V
1.5
V/ns
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54418


Similar Part No. - TPS54418RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418RTET TI-TPS54418RTET Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54418RTET TI-TPS54418RTET Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418RTET TI1-TPS54418RTET Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
More results

Similar Description - TPS54418RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com