Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6713BGDPA167 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320C6713BGDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713BGDPA167 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320C6713BGDPA167 Datasheet HTML 40Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 41Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 42Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 43Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 44Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 45Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 46Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 47Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 153 page
background image
TMS320C6713B
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS294B − OCTOBER 2005 − REVISED JUNE 2006
44
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
configuration examples (continued)
EMIF
ED [31:16],
ED[15:0]
CE[3:0], BE[3:0],
HOLDA, HOLD,
BUSREQ, ECLKIN,
ECLKOUT,
ARE/SDCAS/SSADS,
AWE/SDWE/SSWE,
AOE/SDRAS/SSOE,
ARDY
HPI
I2C1
McBSP1
DR1, CLKS1,
CLKR1, CLKX1,
FSR1, DX1,
FSX1
McBSP0
TIMER1
TIMER0
Clock,
System,
EMU, and
Reset
I2C0
GPIO
and
EXT_INT
McASP1
CLKIN, CLKOUT3, CLKMODE0,
PLLHV, TMS, TDO, TDI, TCK,
TRST, EMU[5:3,1,0], RESET,
NMI
GP[0],
GP[4](EXT_INT4)/AMUTEIN1,
GP[5](EXT_INT5)/AMUTEIN0,
GP[6](EXT_INT6),
GP[7](EXT_INT7)
GP[15:8, 3:1]
McASP0
(DIT Mode)
SCL0, SDA0
AFSX1, AFSR1, ACLKX1,
ACLKR1, AHCLKR1,
AHCLKX1, AMUTE1
32
20
8
DEVCFG Register Value:
0x0000 000C
MCBSP0DIS = 0
MCBSP1DIS = 0
TOUT0SEL = 1
TOUT1SEL = 1
EKSRC = 0
HPI_EN(HD14) = 0
GP2EN BIT = 1 (enabling GPEN.[2])
EA[21:2]
Shading denotes a peripheral module not available for this configuration.
DR0, CLKS0,
CLKR0, CLKX0,
FSR0, DX0,
FSX0
3
AXR1[7:0]
AXR0[4:2]
{TINP0/AXR0[3]}
TINP1/AHCLKX0
TOUT0/AXR0[2]
TOUT1/AXR0[4]
Figure 9. Configuration Example D [1 I2C + 2 McBSP + 1 McASP + 1 McASP (DIT) + GPIO + Timers]


Similar Part No. - TMS320C6713BGDPA167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713BGDPA200 TI-TMS320C6713BGDPA200 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713BGDPA20EP TI-TMS320C6713BGDPA20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6713BGDPA167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com