Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6713BGDPA167 Datasheet(PDF) 66 Page - Texas Instruments

Part # TMS320C6713BGDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713BGDPA167 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320C6713BGDPA167 Datasheet HTML 62Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 63Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 64Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 65Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 66Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 67Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 68Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 69Page - Texas Instruments TMS320C6713BGDPA167 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 153 page
background image
TMS320C6713B
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS294B − OCTOBER 2005 − REVISED JUNE 2006
66
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device and development-support tool nomenclature (continued)
PREFIX
DEVICE SPEED RANGE
TMS 320
C 6713B
GDP
300
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMJ = MIL-PRF-38535, QML
SM = High Rel (non-38535)
DEVICE FAMILY
320 = TMS320
 DSP family
TECHNOLOGY
PACKAGE TYPE†‡§
C = CMOS
DEVICE
† BGA =
Ball Grid Array
QFP
=
Quad Flatpack
‡ The ZDP mechanical package designator represents the version of the GDP with Pb−Free soldered balls. The ZDP package
devices are supported in the same speed grades as the GDP package devices (available upon request).
§ For actual device part numbers (P/Ns) and ordering information, see the Mechanical Data section of this
document or the TI website (www.ti.com).
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)
( )
Blank = 0
°C to 90°C, commercial temperature
A
= −40
°C to 105°C, extended temperature
GDP = 272-pin plastic BGA
PYP = 208-pin PowerPAD
t plastic QFP
ZDP = 272-pin plastic BGA, with Pb-free soldered balls
167 MHz
200 MHz
225 MHz
300 MHz
C6713B
Figure 12. TMS320C6000
 DSP Device Nomenclature (Including the TMS320C6713B Device)
MicroStar BGA and PowerPAD are trademarks of Texas Instruments.


Similar Part No. - TMS320C6713BGDPA167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713BGDPA200 TI-TMS320C6713BGDPA200 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713BGDPA20EP TI-TMS320C6713BGDPA20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6713BGDPA167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com