Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61185RGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61185RGET
Description  WLED Driver for Notebooks with PWM Control Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61185RGET Datasheet(HTML) 3 Page - Texas Instruments

  TPS61185RGET Datasheet HTML 1Page - Texas Instruments TPS61185RGET Datasheet HTML 2Page - Texas Instruments TPS61185RGET Datasheet HTML 3Page - Texas Instruments TPS61185RGET Datasheet HTML 4Page - Texas Instruments TPS61185RGET Datasheet HTML 5Page - Texas Instruments TPS61185RGET Datasheet HTML 6Page - Texas Instruments TPS61185RGET Datasheet HTML 7Page - Texas Instruments TPS61185RGET Datasheet HTML 8Page - Texas Instruments TPS61185RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS61185
www.ti.com
SLVSAA1A – APRIL 2010 – REVISED MAY 2010
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VBAT
Battery input voltage range
4.2
24
V
VOUT
Output voltage range
VIN
38
V
L
Inductor
4.7
10
µH
CI
Input capacitor
1.0
µF
CO
Output capacitor
2.2
10
µF
FPWMO
Internal, programmable PWM dimming frequency
0.1
5
kHz
FPWMIN
Input PWM Frequency
0.1
20
kHz
TON
Minimum on time in one dimming cycle
5
µs
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
VIN = 10.8 V, EN = Logic High, IFB Current = 20 mA, IFB Voltage = 500 mV, TA = –40°C to 85°C, Typical Values are at TA =
25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Battery input voltage range
4.2
24
V
Device enable, VIN = 24 V,
Iq_VIN
Operating quiescent current into VIN
0.5
3
mA
No load, No switch
VDD
VDD pin output voltage
VIN > 5.5 V, ILoad = 3 mA
2.7
3.15
3.6
V
VIN = 10.8 V, EN = low
2
10
ISD
Shutdown current
µA
VIN = 21 V, EN = Low
4
15
VIN ramp down
3.7
3.9
4.1
Vin_UVLO
VIN under-voltage lockout threshold
V
VIN ramp up
3.8
4.2
Vin_hys
VIN under-voltage lockout hysterisis
100
150
200
mV
EN, PWM and MODE
VH
EN logic high threshold
2.1
20
V
VL
EN logic Low threshold
0
0.8
V
VH
PWM logic high threshold
2.1
20
V
VL
PWM logic low threshold
0
0.8
V
VH
MODE logic high threshold
2.1
7
V
VL
MODE logic low threshold
0
0.8
V
RPD_EN
Pull down resistor on EN
VEN = 2.5 V
400
800
1600
k
Ω
RPD_PWM
Pull down resistor on PWM
VPWM = 2.5 V
400
800
1600
k
Ω
CURRENT REGULATION
VISET
ISET pin voltage
ISET current = 20 µA
1.204
1.229
1.253
V
KISET
Current multiple Iout/ISET
ISET current = 20 µA, D = 100%
980
IFB_AVG
Average current accuracy
ISET current = 20 µA, D = 100%
–1.4%
1.4%
mA
Km
(Imax-Imin)/IAVG
ISET current = 20 µA, D = 100%
0%
1%
3%
Ileak
IFB pin leakage current
IFB voltage = 20 V on all pins
0
3
µA
IIFB_MAX
Current sink max output current
IFB = 500 mV
25
mA
fdim
PWM dimming frequency
RFPWM = 715 kΩ
190
210
230
Hz
BOOST OUTPUT REGULATION
VIFB_L
VO dial up threshold
Measure on IFB
400
mV
VIFB_H
VO dial down threshold
Measure on IFB
900
mV
0.72 ×
Vreg_L
Min Vout regulation voltage
V
(1+R3/R4)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS61185


Similar Part No. - TPS61185RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61185RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com