Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62401 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62401
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62401 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62401 Datasheet HTML 1Page - Texas Instruments TPS62401 Datasheet HTML 2Page - Texas Instruments TPS62401 Datasheet HTML 3Page - Texas Instruments TPS62401 Datasheet HTML 4Page - Texas Instruments TPS62401 Datasheet HTML 5Page - Texas Instruments TPS62401 Datasheet HTML 6Page - Texas Instruments TPS62401 Datasheet HTML 7Page - Texas Instruments TPS62401 Datasheet HTML 8Page - Texas Instruments TPS62401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
SLVS681E – JUNE 2006 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, VOUT = 1.8V, EN = VIN, MODE = GND, L = 2.2mH, COUT = 20mF, TA = –40°C to 85°C typical values are at
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2x
tL_LB
Low time low bit, logic 0 detection
Signal level on MODE/DATA pin < 0.4V
400
ms
tH_LB
tL_HB
Low time high bit, logic 1 detection
Signal level on MODE/DATA pin < 0.4V
2
200
ms
2x
tH_HB
High time high bit, logic 1 detection
Signal level on MODE/DATA pin is > 1.2V
400
ms
tL_HB
TEOS
End of Stream
TEOS
2
ms
Duration of acknowledge condition
tACKN
(MODE/DATE line pulled low by the
VIN 2.5V to 6V
400
520
ms
device)
tvalACK
Acknowledge valid time
2
ms
ttimeout
Timeout for entering power save mode
MODE/DATA Pin changes from high to low
520
ms
POWER SWITCH
P-Channel MOSFET on-resistance,
RDS(ON)
VIN = VGS = 3.6V
280
620
m
Converter 1,2
ILK_PMOS
P-Channel leakage current
VDS = 6.0V
1
mA
N-Channel MOSFET on-resistance
RDS(ON)
VIN = VGS = 3.6V
200
450
m
Converter 1,2
Includes N-Chanel leakage current,
ILK_SW1/SW2
Leakage current into SW1/SW2 pin
6
7.5
mA
VIN = open, VSW = 6.0V, EN = GND
(4)
OUTPUT 1
0.68
0.8
0.92
Forward Current Limit
ILIMF
2.5V
≤ VIN ≤ 6.0V
A
PMOS and NMOS
OUTPUT 2
0.85
1.0
1.15
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.5V
≤ VIN ≤ 6V
2.0
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output voltage range
0.6
VIN
V
Vref
Reference voltage
600
mV
Voltage positioning active,
MODE/DATA = GND,
1.01
VOUT (PFM)
–1.5%
2.5%
device operating in PFM mode,
VOUT
VIN = 2.5V to 5.0V (6) (7)
MODE/DATA = GND;
DC output voltage accuracy adjustable
device operating in PWM Mode,
–1%
0%
1%
and fixed output voltage(5)
VIN = 2.5V to 6.0V(7)
VIN = 2.5V to 6.0V, Mode/Data = VIN ,
VOUT(PWM)
Fixed PWM operation,
–1%
0%
1%
0mA < IOUT1 < 400mA ; 0mA < IOUT2 <
600mA(8)
DC output voltage load regulation
PWM operation mode
0.5
%/A
tStart up
Start-up time
Activation time to start switching(9)
170
ms
tRamp
VOUT Ramp UP time
Time to ramp from 5% to 95% of VOUT
750
ms
(4)
On pins SW1 and SW2 an internal resistor of 1M
Ω is connected to GND.
(5)
Output voltage specification does not include tolerance of external voltage programming resistors
(6)
Configuration L typ 2.2mH, COUT typ 20mF, see parameter measurement information, the output voltage ripple in PFM mode depends on
the effective capacitance of the output capacitor, larger output capacitors lead to tighter output voltage tolerance.
(7)
In Power Save Mode, PWM operation is typically entered at IPSM = VIN/32Ω.
(8)
For VOUT > 2V, VIN min = VOUT +0.5V
(9)
This time is valid if one converter turns from shutdown mode (EN2 = 0) to active mode (EN2 = 1) AND the other converter is already
enabled (e.g., EN1 = 1). In case both converters are turned from shutdown mode (EN1 and EN2 = low) to active mode (EN1 and/or
EN2=1) a value of typ 80 ms for ramp up of internal circuits needs to be added. After tStart the converter starts switching and ramps
VOUT.
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Similar Part No. - TPS62401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62401 TI-TPS62401 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI-TPS62401 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI-TPS62401 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI1-TPS62401 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62401 TI1-TPS62401 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com