Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4051BQDBZRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL4051BQDBZRG4
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4051BQDBZRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TL4051BQDBZRG4 Datasheet HTML 1Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 2Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 3Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 4Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 5Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 6Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 7Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 8Page - Texas Instruments TL4051BQDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
* Pin 3 is attached to Substrate and must
be connected to ANODE or left open.
CATHODE
ANODE
*
1
2
3
FB
CATHODE
ANODE
1
2
3
1.2V...DBZ(SOT-23-3)PACKAGE
(TOP VIEW)
Adjustable...DBZ(SOT-23-3)PACKAGE
(TOP VIEW)
NC – No internal connection
NC
NC
1
2
3
5
4
FB
ANODE
CATHODE
* Pin 2 is attached to Substrate and must
be connected to ANODE or left open.
ANODE
NC
1
2
3
5
4
NC
CATHODE
*
Adjustable...DCK(SC-70)PACKAGE
(TOP VIEW)
1.2V...DCK(SC-70)PACKAGE
(TOP VIEW)
NC – No internal connection
DESCRIPTION/ORDERING INFORMATION
TL4051
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS487 – JUNE 2007
• Data-Acquisition Systems
• 1.225-V Fixed and Adjustable (1.225-V to 10-V)
Outputs
• Power Supplies and Power-Supply Monitors
• Instrumentation and Test Equipment
• Tight Output Tolerances and Low
Temperature Coefficient
• Process Control
• Precision Audio
Max 0.1%, 50 ppm/
°C – A Grade
• Automotive Electronics
Max 0.2%, 50 ppm/
°C – B Grade
• Energy Management/Metering
Max 0.5%, 50 ppm/
°C – C Grade
• Battery-Powered Equipment
• Low Output Noise…20 µV
RMS (Typ)
• Wide Operating Current Range…
60
µA (Typ) to 12 mA
• Stable With All Capacitive Loads; No Output
Capacitor Required
• Available in
Industrial Temperature: –40
°C to 85°C
Extended Temperature: –40
°C to 125°C
The TL4051 series of shunt voltage references are versatile easy-to-use references suitable for a wide array of
applications. The device is available in a fixed 1.225-V output or an adjustable output whose voltage is
determined by an external resistor divider. The device requires no external capacitors for operation and is stable
with all capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low
temperature coefficient to ensure a stable output voltage over a wide range of operating currents and
temperatures.
The TL4051 is offered in three initial tolerances, ranging from 0.1% (max) for the A grade to 0.5% (max) for the
C grade. Thus, a great deal of flexibility is offered to designers in choosing the best cost-to-performance ratio for
their applications. Packaged in the space-saving SOT-23-3 and SC-70 packages and requiring a minimum
current of 45
µA (typ), the TL4051 also is ideal for portable applications.
The TL4051xI is characterized for operation over an ambient temperature range of –40
°C to 85°C. The
TL4051xQ is characterized for operation over an ambient temperature range of –40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL4051BQDBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4051BQDBZRG4 TI-TL4051BQDBZRG4 Datasheet
596Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051BQDBZRG4 TI1-TL4051BQDBZRG4 Datasheet
697Kb / 27P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - TL4051BQDBZRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com