Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G17GV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G17GV
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G17GV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G17GV Datasheet HTML 4Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 5Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 6Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 7Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 9Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 10Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 11Page - NXP Semiconductors 74LVC2G17GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC2G17_4
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 October 2006
8 of 16
NXP Semiconductors
74LVC2G17
Dual non-inverting Schmitt trigger with 5 V tolerant input
14. Transfer characteristics
[1]
All typical values are measured at Tamb =25 °C.
15. Waveforms transfer characteristics
Table 11.
Transfer characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
see Figure 9 and Figure 10
VCC = 1.8 V
0.70
1.10
1.50
0.70
1.70
V
VCC = 2.3 V
1.00
1.40
1.80
1.00
2.00
V
VCC = 3.0 V
1.30
1.76
2.20
1.30
2.40
V
VCC = 4.5 V
1.90
2.47
3.10
1.90
3.30
V
VCC = 5.5 V
2.20
2.91
3.60
2.20
3.80
V
VT−
negative-going
threshold voltage
see Figure 9 and Figure 10
VCC = 1.8 V
0.25
0.61
0.90
0.25
1.10
V
VCC = 2.3 V
0.40
0.80
1.15
0.40
1.35
V
VCC = 3.0 V
0.60
1.04
1.50
0.60
1.70
V
VCC = 4.5 V
1.00
1.55
2.00
1.00
2.20
V
VCC = 5.5 V
1.20
1.86
2.30
1.20
2.50
V
VH
hysteresis voltage
(VT+ − VT−); see Figure 9,
Figure 10 and Figure 11
VCC = 1.8 V
0.15
0.49
1.00
0.15
1.20
V
VCC = 2.3 V
0.25
0.60
1.10
0.25
1.30
V
VCC = 3.0 V
0.40
0.73
1.20
0.40
1.40
V
VCC = 4.5 V
0.60
0.92
1.50
0.60
1.70
V
VCC = 5.5 V
0.70
1.02
1.70
0.70
1.90
V
VT+ and VT− limits at 70 % and 20 %.
Fig 9.
Transfer characteristic
Fig 10. Definition of VT+, VT− and VH
mnb154
VO
VH
VI
VT+
VT−
mnb155
VO
VI
VH
VT+
VT−


Similar Part No. - 74LVC2G17GV

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74LVC2G17GV ICST-74LVC2G17GV Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17GV PHILIPS-74LVC2G17GV Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G17GV NXP-74LVC2G17GV Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17GV NEXPERIA-74LVC2G17GV Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17GV-Q100 NXP-74LVC2G17GV-Q100 Datasheet
120Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
More results

Similar Description - 74LVC2G17GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com