Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC2G66GM
Description  Bilateral switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G66GM Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 13Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 14Page - NXP Semiconductors 74LVC2G66GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
74LVC2G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 1 July 2008
11 of 24
NXP Semiconductors
74LVC2G66
Bilateral switch
11.1 Waveforms and test circuit
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 17. Input (nY or nZ) to output (nZ or nY) propagation delays
001aaa541
tPLH
tPHL
VM
VM
VM
VM
nY or nZ
input
nZ or nY
output
GND
VI
VOH
VOL
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 18. Enable and disable times
001aaa542
tPLZ
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nE input
nY or nZ
nY or nZ
VI
VOL
VOH
VCC
VM
VM
VX
VY
VM
GND
GND
tPZL
tPZH
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5
× VCC
0.5
× VCC
VOL + 0.15 V
VOH − 0.15 V
2.3 V to 2.7 V
0.5
× VCC
0.5
× VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
VOL + 0.3 V
VOH − 0.3 V


Similar Part No. - 74LVC2G66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66GM NXP-74LVC2G66GM Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
74LVC2G66GM NXP-74LVC2G66GM Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
74LVC2G66GMV66 NXP-74LVC2G66GMV66 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
More results

Similar Description - 74LVC2G66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com