Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC169 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC169
Description  Presettable synchronous 4-bit up/down binary counter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC169 Datasheet HTML 1Page - NXP Semiconductors 74LVC169 Datasheet HTML 2Page - NXP Semiconductors 74LVC169 Datasheet HTML 3Page - NXP Semiconductors 74LVC169 Datasheet HTML 4Page - NXP Semiconductors 74LVC169 Datasheet HTML 5Page - NXP Semiconductors 74LVC169 Datasheet HTML 6Page - NXP Semiconductors 74LVC169 Datasheet HTML 7Page - NXP Semiconductors 74LVC169 Datasheet HTML 8Page - NXP Semiconductors 74LVC169 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
5 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die material. It can not be used as a supply
pin or input.
Fig 4.
Pin configuration SO16 and
(T)SSOP16 package
Fig 5.
Pin configuration DHVQFN16 package
74LVC169
U/D
VCC
CP
TC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
CEP
CET
GND
PE
001aaa644
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aaa682
74LVC169
CEP
CET
D3
Q3
D2
GND(1)
Q2
D1
Q1
D0
Q0
CP
TC
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
U/D
1
up/down control input
CP
2
clock input (LOW-to-HIGH, edge-triggered)
D0 to D3
3, 4, 5, 6
data input
CEP
7
count enable input (active LOW)
GND
8
ground (0 V)
PE
9
parallel enable input (active LOW)
CET
10
count enable carry input (active LOW)
Q0 to Q3
14, 13, 12, 11
flip-flop output
TC
15
terminal count output (active LOW)
VCC
16
supply voltage


Similar Part No. - 74LVC169

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169D PHILIPS-74LVC169D Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169DB PHILIPS-74LVC169DB Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169PW PHILIPS-74LVC169PW Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169PWDH PHILIPS-74LVC169PWDH Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
More results

Similar Description - 74LVC169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com